Electronic Components Datasheet Search
  English  ▼

X  

LMH7322 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMH7322
Description  Dual 700 ps High Speed Comparator with RSPECL Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH7322 Datasheet(HTML) 5 Page - Texas Instruments

  LMH7322 Datasheet HTML 1Page - Texas Instruments LMH7322 Datasheet HTML 2Page - Texas Instruments LMH7322 Datasheet HTML 3Page - Texas Instruments LMH7322 Datasheet HTML 4Page - Texas Instruments LMH7322 Datasheet HTML 5Page - Texas Instruments LMH7322 Datasheet HTML 6Page - Texas Instruments LMH7322 Datasheet HTML 7Page - Texas Instruments LMH7322 Datasheet HTML 8Page - Texas Instruments LMH7322 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LMH7322
www.ti.com
SNOSAU8H – MARCH 2007 – REVISED MAY 2011
5V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits are specified for TJ = 25°C, VCCI = VCCO = 5V, VEE = 0V, RL = 50Ω to VCCO-2V, VCM = 300
mV, RHYS = 1 kΩ.Boldface limits apply at temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
VRID-LE
Latch Enable Differential Voltage
±0.4
V
Range
OUTPUT CHARACTERISTICS
VOH
Output Voltage High
VCCO−1.1
mV
V
VOL
Output Voltage Low
VCCO−1.5
mV
V
VOD
Output Voltage Differential
355
mV
POWER SUPPLIES
IVCCI
VCCI Supply Current/ Channel
6.3
10
mA
12
IVCCO
VCCO Supply Current/ Channel
Load Current Excluded
15.8
20
mA
25
5V AC Electrical Characteristics
Unless otherwise specified, all limits are specified for TJ = 25°C, VCCI = VCCO = 5V, VEE = 0V, RL = 50Ω to VCCO-2V, VCM = 300
mV, RHYS = none. Boldface limits apply at temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
TR
Maximum Toggle Rate
Overdrive = ±50 mV; CL = 2 pF
3.9
Gb/s
@ 50% of Output Swing
Minimum Pulse Width
Overdrive = ±50 mV; CL = 2 pF
260
ps
@ 50% of Output Swing
tjitter_RMS
RMS Random Jitter
Overdrive = ±100 mV; CL = 2 pF
572
fs
Center Frequency = 140 MHz
Bandwidth = 10 Hz–20 MHz
tPDLH
Propagation Delay.
Overdrive 20 mV
783
ps
(see Figure 19 application note)
Overdrive 50 mV
718
Input SR = Constant
Overdrive 100 mV
708
ps
VIN startvalue = VREF – 100 mV
Overdrive 1V
708
tOD-disp
Input Overdrive Dispersion
tPDH @ Overdrive 20 mV ↔ 100 mV
75
ps
tPDH @ Overdrive 100 mV ↔ 1V
5
tSR-disp
Input Slew Rate Dispersion
0.1 V/ns to 1 V/ns; Overdrive = 100 mV
50
ps
tCM-disp
Input Common Mode Dispersion
SR = 1 V/ns; Overdrive = 100 mV;
24
ps
0V
≤ VCM ≤ VCCI- 1.5V
ΔtPDLH
Q to Q Time Skew |tPDH – tPDL|
Overdrive = 100 mV; CL = 2 pF
29
ps
ΔtPDHL
Q to Q Time Skew |tPDL – tPDH|
Overdrive = 100 mV; CL = 2 pF
47
ps
tr
Output Rise Time (20%–80%)
Overdrive = 100 mV; CL = 2 pF
160
ps
tf
Output Fall Time (20%–80%)
Overdrive = 100 mV; CL = 2 pF
160
ps
tsLE
Latch Setup Time
95
ps
thLE
Latch Hold Time
29
ps
tPD_LE
Latch to Output Delay Time
893
ps
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com