Electronic Components Datasheet Search
  English  ▼

X  

LMH7322 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH7322
Description  Dual 700 ps High Speed Comparator with RSPECL Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH7322 Datasheet(HTML) 3 Page - Texas Instruments

  LMH7322 Datasheet HTML 1Page - Texas Instruments LMH7322 Datasheet HTML 2Page - Texas Instruments LMH7322 Datasheet HTML 3Page - Texas Instruments LMH7322 Datasheet HTML 4Page - Texas Instruments LMH7322 Datasheet HTML 5Page - Texas Instruments LMH7322 Datasheet HTML 6Page - Texas Instruments LMH7322 Datasheet HTML 7Page - Texas Instruments LMH7322 Datasheet HTML 8Page - Texas Instruments LMH7322 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LMH7322
www.ti.com
SNOSAU8H – MARCH 2007 – REVISED MAY 2011
12V DC Electrical Characteristics
Unless otherwise specified, all limits are specified for TJ = 25°C, VCCI = VCCO = 12V, VEE = 0V, RL = 50Ω to VCCO-2V, VCM =
300 mV, RHYS = 1 kΩ. Boldface limits apply at temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
INPUT CHARACTERISTICS
IB
Input Bias Current
VIN Differential = 0V; RHYS = 8 kΩ
−5
−2.9
µA
Biased at VCM
IOS
Input Offset Current
VIN Differential = 0V
−250
40
+250
nA
TC IOS
Input Offset Current TC
VIN Differential = 0V
0.2
nA/°C
VOS
Input Offset Voltage
−8
−2
+8
mV
TC VOS
Input Offset Voltage TC
12
µV/°C
VRI
Input Voltage Range
for CMRR
≥ 50 dB
VEE−0.2
VCCI−1.5
V
VRID
Input Differential Voltage Range
−1
+1
V
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ VCC1−0.2
80
dB
PSRR
Power Supply Rejection Ratio
80
dB
AV
Active Gain
53
dB
Hyst
Hysteresis
VHYS = V(HYS+) -V(HYS-) , RHYS = 0Ω
25
50
75
mV
LATCH ENABLE CHARACTERISTICS
IB-LE
Latch Enable Bias Current
Biased at RSPECL Level
3
10
µA
VOS-LE
Latch Enable Offset Voltage
Biased at RSPECL Level
−5
mV
VRI-LE
Latch Enable Voltage Range
for CMRR
≥ 50 dB
VEE+1.4
VCCO-0.8
V
VRID-LE
Latch Enable Differential Voltage
±0.4
V
Range
OUTPUT CHARACTERISTICS
VOH
Output Voltage High
VIN Differential = 50 mV
VCCO−1.1
mV
V
VOL
Output Voltage Low
VIN Differential = 50 mV
VCCO−1.5
mV
V
VOD
Output Voltage Differential
VIN Differential = 50 mV
360
mV
POWER SUPPLIES
IVCCI
VCCI Supply Current/ Channel
6.5
10
mA
12
IVCCO
VCCO Supply Current/ Channel
Load Current Excluded
16.3
20
mA
25
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
12 AC Electrical Characteristics
Unless otherwise specified, all limits are specified for TJ = 25°C, VCCI = VCCO = 12V, VEE = 0V, RL = 50Ω to VCCO-2V, VCM =
300 mV, RHYS = none.Boldface limits apply at temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
TR
Maximum Toggle Rate
Overdrive = ±50 mV; CL = 2 pF
4
Gb/s
@ 50% of Output Swing
Minimum Pulse Width
Overdrive = ±50 mV; CL = 2 pF
255
ps
@ 50% of Output Swing
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com