Electronic Components Datasheet Search
  English  ▼

X  

CLC021 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC021 Datasheet(HTML) 4 Page - Texas Instruments

  CLC021 Datasheet HTML 1Page - Texas Instruments CLC021 Datasheet HTML 2Page - Texas Instruments CLC021 Datasheet HTML 3Page - Texas Instruments CLC021 Datasheet HTML 4Page - Texas Instruments CLC021 Datasheet HTML 5Page - Texas Instruments CLC021 Datasheet HTML 6Page - Texas Instruments CLC021 Datasheet HTML 7Page - Texas Instruments CLC021 Datasheet HTML 8Page - Texas Instruments CLC021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CLC021
SNLS068H – MAY 2000 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VDD−VSS)
CLC021AVGZ-5.0V
6.0V
CLC021AVGZ-3.3V
4.0V
CMOS/TTL Input Voltage (VI)
CLC021AVGZ-5.0V
−0.5V to VDD+0.5V
CLC021AVGZ-3.3V
-0.3V to VDD+0.3V
CMOS/TTL Output Voltage (VO)
CLC021AVGZ-5.0V
−0.5V to VDD+0.5V
CLC021AVGZ-3.3V
-0.3V to VDD+0.3V
CMOS/TTL Input Current (single input)
VI = VSS −0.5V:
−5 mA
VI = VDD +0.5V:
+5 mA
Input Current, Other Inputs
±1 mA
CMOS/TTL Output Source/Sink Current
±16 mA
SDO Output Source Current
22 mA
Package Thermal
θJA 44-lead Metric PQFP
(@ 0 LFM airflow)
60°C/W
Resistance
(@ 500 LFM airflow)
43°C/W
θJC 44-lead Metric PQFP
17°C/W
Storage Temp. Range
−65°C to +150°C
Junction Temperature
+150°C
Lead Temperature
Soldering 4 Sec
+260°C
ESD Rating (HBM)
2 kV
ESD Rating (MM)
150V
Transistor Count
33,400
(1)
Absolute Maximum Ratings are those parameter values beyond which the life and operation of the device cannot be ensured. The
stating herein of these maximums shall not be construed to imply that the device can or should be operated at or beyond these values.
The table of Electrical Characteristics specifies acceptable device operating conditions.
(2)
It is anticipated that this device will not be offered in a military qualified version. If Military/Aerospace specified devices are required,
please contact the Texas Instruments Sales Office / Distributors for availability and specifications.
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (VDD−VSS)
CLC021AVGZ-5.0
5.0V ±10%
CLC021AVGZ-3.3
3.3V ±10%
CMOS/TTL Input Voltage
VSS to VDD
Maximum DC Bias on SDO pins
CLC021AVGZ-5.0
3.0V ±10%
CLC021AVGZ-3.3
1.3V ±10%
PCLK Frequency Range
10 to 40MHz
PCLK Duty Cycle
45 to 55%
DN and PCLK Rise/Fall Time
1.0 to 3.0 ns
Operating Free Air Temperature (TA)
0°C to +70°C
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com