Electronic Components Datasheet Search
  English  ▼

X  

CLC021 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC021 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CLC021 Datasheet HTML 2Page - Texas Instruments CLC021 Datasheet HTML 3Page - Texas Instruments CLC021 Datasheet HTML 4Page - Texas Instruments CLC021 Datasheet HTML 5Page - Texas Instruments CLC021 Datasheet HTML 6Page - Texas Instruments CLC021 Datasheet HTML 7Page - Texas Instruments CLC021 Datasheet HTML 8Page - Texas Instruments CLC021 Datasheet HTML 9Page - Texas Instruments CLC021 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CLC021
SNLS068H – MAY 2000 – REVISED APRIL 2013
www.ti.com
AC ELECTRICAL CHARACTERISTICS—CLC021AVGZ-5.0
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
BRSDO
Serial Data Rate
See (2)
SDO, SDO
100
400
Mbps
Reference Clock
FPCLK
PCLK
10
40
MHz
Input Frequency
Reference Clock Duty
PCLK
45
50
55
%
Cycle
tr, tf
Rise Time, Fall Time
DN, PCLK
1.0
1.5
3.0
ns
tj
Serial Output Jitter
270 Mbps (3), See Figure 3
220
psP-P
tjit
Serial Output Jitter
See (2)(4)
100
200
psP-P
SDO, SDO
tr, tf
Rise Time, Fall Time
20%–80% (2)(4)
500
800
1500
ps
Output Overshoot
See (4)
1
%
tLOCK
Lock Time
See (2)(5)
75
µs
tSU
Setup Time
See (4) and Figure 4
DN to PCLK
3
2
ns
tHLD
Hold Time
See (4) and Figure 4
DN from PCLK
3
2
ns
LGEN
Output Inductance
See (4)
6
nH
SDO, SDO
RGEN
Output Resistance
See (4)
25k
Ω
(1)
Typical values are stated for VDD = +5.0V (CLC021AVGZ-5.0) or +3.3V (CLC021AVGZ-3.3) and TA = +25°C.
(2)
RL = 75Ω, AC-coupled @ 270 Mbps, RREF = 1.69 kΩ 1%, See TEST LOADS and Figure 3.
(3)
CLC021 mounted in the SD021EVK board, configured in BIST mode (NTSC colour bars) with PCLK = 27 MHz derived from Tektronix
TG2000 black-burst reference. Timing jitter measured with Tektronix VM700T using jitter measurement FFT mode, frame rate, 1 kHz
filter bandwidth, Hanning window.
(4)
Specification is ensured by design.
(5)
Measured from rising-edge of first PCLK cycle until Lock Detect output goes high (true).
AC ELECTRICAL CHARACTERISTICS—CLC021AVGZ-3.3
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
BRSDO
Serial Data Rate
See (2)
SDO, SDO
100
400
Mbps
Reference Clock
FPCLK
PCLK
10
40
MHz
Input Frequency
Reference Clock Duty
PCLK
45
50
55
%
Cycle
tr, tf
Rise Time, Fall Time
DN, PCLK
1.0
1.5
3.0
ns
tj
Serial Output Jitter
270 Mbps (3), See Figure 3
220
psP-P
tjit
Serial Output Jitter
See (2)(4)
100
200
psP-P
SDO, SDO
tr, tf
Rise Time, Fall Time
20%–80% (2)(4)
500
800
1500
ps
Output Overshoot
See (4)
1
%
tLOCK
Lock Time
See (2)(5)
75
µs
tSU
Setup Time
See (4) and Figure 4
DN to PCLK
4
2
ns
tHLD
Hold Time
See (4) and Figure 4
DN from PCLK
4
2
ns
LGEN
Output Inductance
See (4)
6
nH
SDO, SDO
RGEN
Output Resistance
See (4)
25k
Ω
(1)
Typical values are stated for VDD = +5.0V (CLC021AVGZ-5.0) or +3.3V (CLC021AVGZ-3.3) and TA = +25°C.
(2)
RL = 75Ω, AC-coupled @ 270 Mbps, RREF = 1.69 kΩ 1%, See TEST LOADS and Figure 3.
(3)
CLC021 mounted in the SD021EVK board, configured in BIST mode (NTSC colour bars) with PCLK = 27 MHz derived from Tektronix
TG2000 black-burst reference. Timing jitter measured with Tektronix VM700T using jitter measurement FFT mode, frame rate, 1 kHz
filter bandwidth, Hanning window.
(4)
Specification is ensured by design.
(5)
Measured from rising-edge of first PCLK cycle until Lock Detect output goes high (true).
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com