Electronic Components Datasheet Search
  English  ▼

X  

CLC021 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC021 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CLC021 Datasheet HTML 13Page - Texas Instruments CLC021 Datasheet HTML 14Page - Texas Instruments CLC021 Datasheet HTML 15Page - Texas Instruments CLC021 Datasheet HTML 16Page - Texas Instruments CLC021 Datasheet HTML 17Page - Texas Instruments CLC021 Datasheet HTML 18Page - Texas Instruments CLC021 Datasheet HTML 19Page - Texas Instruments CLC021 Datasheet HTML 20Page - Texas Instruments CLC021 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
CLC021
www.ti.com
SNLS068H – MAY 2000 – REVISED APRIL 2013
MEASURING JITTER
The test method used to obtain the timing jitter value given in the AC Electrical Specification table is based on
procedures and equipment described in SMPTE RP 192-1996. The recommended practice discusses several
methods and indicator devices. An FFT method performed by standard video test equipment was used to obtain
the data given in this data sheet. As such, the jitter characteristics (or jitter floor) of the measurement equipment,
particularly the measurement analyzer, become integral to the resulting jitter value. The method and equipment
were chosen so that the test can be easily duplicated by the design engineer using most standard digital video
test equipment. In so doing, similar results should be achieved. The intrinsic jitter floor of the CLC021's PLL is
approximately 25% of the typical jitter given in the electrical specifications. In production, device jitter is
measured on automatic IC test equipment (ATE) using a different method compatible with that equipment. Jitter
measured using this ATE yields values approximately 50% of those obtained using the video test equipment.
The jitter test setup used to obtain values quoted in the data sheet consists of:
•
Texas Instruments SD021-5EVK (SD021-3EVK), CLC021 evaluation kit
•
Tektronix TG2000 signal generation platform with DVG1 option
•
Tektronix VM700T Option 1S Video Measurement Set
•
Tektronix TDS 794D, Option C2 oscilloscope
•
Tektronix P6339A passive probe
•
75
Ω coaxial cable, 3 ft., Belden 8281 or RG59 (2 required)
•
ECL-to-TTL/CMOS level converter/amplifier see Figure 12.
Apply the black-burst reference clock from the TG2000 signal generator's BG1 module 27 MHz clock output to
the level converter input. The clock amplitude converter schematic is shown in Figure 12. Adjust the input bias
control to give a 50% duty cycle output as measured on the oscilloscope/probe system. Connect the level
translator to the SD021EVK board, connector P1, PCLK pins (the outer-most row of pins is ground). Configure the
SD021EVK to operate in the NTSC colour bars, BIST mode. Configure the VM700T to make the jitter
measurement in the jitter FFT mode at the frame rate with 1 kHz filter bandwidth and Hanning window. Configure
the setup as shown in Figure 11. Switch the test equipment on (from standby mode) and allow all equipment
temperatures stabilize per manufacturer's recommendation. Measure the jitter value after allowing the
instrument's reading to stabilize (about 1 minute). Consult the VM700T Video Measurement Set Option 1S Serial
Digital Measurements User Manual (document number 071-0074-00) for details of equipment operation.
The VM700T measurement system's jitter floor specification at 270 Mbps is given as 200 ps ±20% (100 ps ±5%
typical) of actual components from 50 Hz to 1 MHz and 200 ps +60%, -30% of actual components from 1 MHz to
10 MHz. To obtain the actual residual jitter of the CLC021, a root-sum-square adjustment of the jitter reading
must be made to compensate for the measurement system's jitter floor specification. For example, if the jitter
reading is 250 ps, the CLC021 residual jitter is the square root of (2502
− 2002) = 150 ps. The accuracy limits of
the reading as given above apply.
Figure 11. Jitter Test Circuit
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: CLC021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com