Electronic Components Datasheet Search
  English  ▼

X  

CLC021 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC021 Datasheet(HTML) 1 Page - Texas Instruments

  CLC021 Datasheet HTML 1Page - Texas Instruments CLC021 Datasheet HTML 2Page - Texas Instruments CLC021 Datasheet HTML 3Page - Texas Instruments CLC021 Datasheet HTML 4Page - Texas Instruments CLC021 Datasheet HTML 5Page - Texas Instruments CLC021 Datasheet HTML 6Page - Texas Instruments CLC021 Datasheet HTML 7Page - Texas Instruments CLC021 Datasheet HTML 8Page - Texas Instruments CLC021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CLC021
www.ti.com
SNLS068H – MAY 2000 – REVISED APRIL 2013
CLC021 SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
Check for Samples: CLC021
1
FEATURES
APPLICATIONS
2
•
SMPTE 259M Serial Digital Video Standard
•
SMPTE 259M Parallel-to-Serial Digital Video
Compliant
Interfaces for:
•
Supports All NTSC and PAL Standard
–
Video Cameras
Component and Composite Serial Video Data
–
VTRs
Rates
–
Telecines
•
No External Serial Data Rate Setting or VCO
–
Video Test Pattern Generators and Digital
Filtering Components Required (1)
Video Test Equipment
•
Fast VCO Lock Time: <75 µs at 270 Mbps
–
Video Signal Generators
•
Built-In Self-Test (BIST) and Video Test Pattern
•
Non-SMPTE Video Applications
Generator (TPG) with 16 Internal Patterns (1)
•
Other High Data Rate Parallel/Serial Video and
•
Automatic EDH Character and Flag Generation
Data Applications
and Insertion per SMPTE RP 165
•
Non-SMPTE Mode Operation as Parallel-to-
DESCRIPTION
Serial Converter
The CLC021 SMPTE 259M Digital Video Serializer
•
NRZ-to-NRZI Conversion Control
with EDH Generation and Insertion is a monolithic
integrated
circuit
that
encodes,
serializes
and
•
HCMOS/LSTTL-Compatible Data and Control
transmits
bit-parallel
digital
data
conforming
to
Inputs and Outputs for CLC021AVGZ-5.0,
SMPTE 125M and 267M component video and
LVCMOS for CLC021AVGZ-3.3
SMPTE
244M
composite
video
standards.
The
•
75
Ω ECL-Compatible, Differential, Serial Cable-
CLC021 can also serialize other 8- or 10-bit parallel
Driver Outputs
data. The CLC021 operates at data rates from below
100 Mbps to over 400 Mbps. The serial data clock
•
Single Power Supply Operation: 5V
frequency is internally generated and requires no
(CLC021AVGZ-5.0) or 3.3V (CLC021AVGZ-3.3)
external
frequency
setting,
trimming
or
filtering
in TTL or ECL Systems
components*.
•
Low Power: Typically 235 mW
•
JEDEC 44-Lead Metric PQFP Package
•
Commercial Temperature Range 0°C to +70°C
(1)
Patents Applications Made or Pending.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CLC021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
CLC021AVGZ-3.3 NSC-CLC021AVGZ-3.3 Datasheet
428Kb / 18P
SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
CLC021AVGZ-5.0 NSC-CLC021AVGZ-5.0 Datasheet
428Kb / 18P
SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
More results

Similar Description - CLC021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
LMH0030 NSC-LMH0030 Datasheet
732Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
SMPTE 259M Digital Video Serializer with Integrated Cable Driver
CLC030 NSC-CLC030_06 Datasheet
733Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030 TI1-LMH0030_14 Datasheet
370Kb / 38P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Gennum Corporation
GS1572 GENNUM-GS1572 Datasheet
1Mb / 64P
EDH packet generation and insertion
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
LMH0031 TI1-LMH0031 Datasheet
375Kb / 39P
SMPTE 292M/259M Digital Video Deserializer / Descrambler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com