Electronic Components Datasheet Search
  English  ▼

X  

CLC021 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC021 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CLC021 Datasheet HTML 8Page - Texas Instruments CLC021 Datasheet HTML 9Page - Texas Instruments CLC021 Datasheet HTML 10Page - Texas Instruments CLC021 Datasheet HTML 11Page - Texas Instruments CLC021 Datasheet HTML 12Page - Texas Instruments CLC021 Datasheet HTML 13Page - Texas Instruments CLC021 Datasheet HTML 14Page - Texas Instruments CLC021 Datasheet HTML 15Page - Texas Instruments CLC021 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
CLC021
SNLS068H – MAY 2000 – REVISED APRIL 2013
www.ti.com
BUILT-IN SELF-TEST (BIST)
The CLC021 has a built-in self-test (BIST) function. The BIST performs a comprehensive go/no-go test of the
device. The test uses either a full-field colour bar for NTSC or a PLL pathological for PAL as the test data
pattern. Data is input internally in the input data register, processed through the device and tested for errors. A
go/no-go indication is given at the Test_Output. Table 1 gives device pin functions and Table 2 gives the test
pattern codes used for this function. The signal level at Test_Output, pin 3, indicates a pass or fail condition.
The BIST is initiated by applying the code for the desired BIST to D0 through D3 (D9 through D4 are 00h) and a
27 MHz clock at the PCLK input. Since all parallel data inputs are equipped with an internal pull-down device, only
those inputs D0 through D3 which require a logic-1 need be pulled high. After the Lock_Detect output goes high
indicating the VCO is locked on frequency, TPG_Enable, pin 29, is taken to a logic high. The Lock_Detect output
may be temporarily connected to TPG_Enable to automate BIST operation. Test_Output, pin 3, is monitored for
a pass/fail indication. If no errors have been detected, this output will go to a logic high level approximately 2 field
intervals after TPG_Enable is taken high. If errors have been detected in the internal circuitry of the CLC021,
Test_Output will remain low until the test is terminated. The BIST is terminated by taking TPG _Enable to a logic
low. Continuous serial data output is available during the test.
Figure 7. Built-In Self-Test Control Sequence
TEST PATTERN GENERATOR
The CLC021 includes an on-board test pattern generator (TPG). Four full-field component video test patterns
for both NTSC and PAL standards, and 4x3 and 16x9 raster sizes are produced. The test patterns are: flat-field
black, PLL pathological, equalizer (EQ) pathological and a modified 75%, 8-colour vertical bar pattern. The
pathologicals follow recommendations contained in SMPTE RP 178–1996 regarding the test data used. The
colour bar pattern does not incorporate bandwidth limiting coding in the chroma and luma data when transitioning
between the bars. For this reason, it may not be suitable for use as a visual test pattern or for input to video D-to-
A conversion devices unless measures are taken to restrict the production of out-of-band frequency components.
The TPG is operated by applying the code for the desired test pattern to D0 through D3 (D4 through D9 are
00h). Since all parallel data inputs are equipped with internal pull-down devices, only those inputs D0 through D3
which require a logic-1 need be pulled high. Next, apply a 27 MHz or 36 MHz signal, appropriate to the raster
size desired, at the PCLK input and wait until the Lock_Detect output goes true indicating the VCO is locked on
frequency. Then, take TPG_Enable, pin 29, to a logic high. The serial test pattern data appears on the SDO
outputs. The Lock_Detect output may be temporarily connected to TPG_Enable to automate TPG operation. The
TPG mode is exited by taking TPG_Enable to a logic low. Table 1 gives device pin functions for this mode.
Table 2 gives the available test patterns and selection codes.
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com