Electronic Components Datasheet Search
  English  ▼

X  

CLC021 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CLC021 Datasheet HTML 7Page - Texas Instruments CLC021 Datasheet HTML 8Page - Texas Instruments CLC021 Datasheet HTML 9Page - Texas Instruments CLC021 Datasheet HTML 10Page - Texas Instruments CLC021 Datasheet HTML 11Page - Texas Instruments CLC021 Datasheet HTML 12Page - Texas Instruments CLC021 Datasheet HTML 13Page - Texas Instruments CLC021 Datasheet HTML 14Page - Texas Instruments CLC021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
VDDmin
VSS
VSS
VSS
0ns min
PCLK
10%
90%
10%
90%
RESET
VDD
VDDmin
VSS
VSS
10%
PCLK
VDD
30Ps min
CLC021
www.ti.com
SNLS068H – MAY 2000 – REVISED APRIL 2013
POWER-ON RESET AND RESET INPUT
The CLC021 has an internally controlled, automatic, power-on-reset circuit. Reset clears TRS detection
circuitry, all latches, registers, counters and polynomial generators, sets the EDH characters to 00h and disables
the serial output. The SDO outputs are tri-stated during power-on reset. The part will remain in the reset
condition until the parallel input clock is applied.
An active-HIGH-true, manual reset input is available at pin 1. It resets both the digital and PLL blocks. The reset
input has an internal pull-down device and is inactive when unconnected.
It is recommended that PCLK not be asserted until at least 30 µs after power has reached VDDmin. See Figure 5.
If manual reset is used during power-on, then PCLK may be asserted at any time as long as manual reset is not
de-asserted until VDDmin is reached. See Figure 6.
Figure 5. Power-On Reset Sequence
Figure 6. Power-On Reset Sequence with Manual Reset
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CLC021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com