Electronic Components Datasheet Search
  English  ▼

X  

CLC021 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC021 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CLC021 Datasheet HTML 10Page - Texas Instruments CLC021 Datasheet HTML 11Page - Texas Instruments CLC021 Datasheet HTML 12Page - Texas Instruments CLC021 Datasheet HTML 13Page - Texas Instruments CLC021 Datasheet HTML 14Page - Texas Instruments CLC021 Datasheet HTML 15Page - Texas Instruments CLC021 Datasheet HTML 16Page - Texas Instruments CLC021 Datasheet HTML 17Page - Texas Instruments CLC021 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
CLC021
SNLS068H – MAY 2000 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS(1)
Pin
Name
Description
1
Reset
Manual Reset Input (High True)
2
NRZ-NRZI
NRZ-to-NRZI Conversion Control (NRZ=High, NRZI=Low)
3
Test Out
Test Out (BIST Pass/Fail Indicator)
4
VSS
Negative Power Supply Input (Digital Logic)
5
VSS
Negative Power Supply Input (Digital Logic)
6
VDD
Positive Power Supply Input (Digital Logic)
7
VDD
Positive Power Supply Input (Digital Logic)
8
EDH Force
Force Insertion of New EDH and Flags in Serial Output Data (High True)
9
EDH Enable
EDH Enable Input (Low True)
10
SMPTE Mode
SMPTE/non-SMPTE Mode Select Input (SMPTE Mode=Low)
11
N/C
No Connect
12
D0
Parallel Data Input (Internal Pull-Down to VSS)
13
D1
Parallel Data Input (Internal Pull-Down to VSS)
14
D2
Parallel Data Input (Internal Pull-Down to VSS)
15
D3
Parallel Data Input (Internal Pull-Down to VSS)
16
D4
Parallel Data Input (Internal Pull-Down to VSS)
17
D5
Parallel Data Input (Internal Pull-Down to VSS)
18
D6
Parallel Data Input (Internal Pull-Down to VSS)
19
D7
Parallel Data Input (Internal Pull-Down to VSS)
20
D8
Parallel Data Input (Internal Pull-Down to VSS)
21
D9
Parallel Data Input (Internal Pull-Down to VSS)
22
PCLK
Parallel Clock Input (Internal Pull-Down to VSS)
23
H/Line-Field b0 (LSB)
H-Bit Output (Component); Line-Field ID (Composite)
24
V/Line-Field b1
V-Bit Output (Component); Line-Field ID (Composite)
25
F/Line-Field b2 (MSB)
F-Bit Output (Component); Line-Field ID (Composite)
26
Lock Detect
Lock Detector Output (High True)
27
VSSO
Negative Power Supply Input (PLL Supply)
28
VDDO
Positive Power Supply Input (PLL Supply)
29
TPG Enable
TPG Enable (High True)
30
VSSOD
Negative Power Supply Input (PLL Digital Supply)
31
VSSOD
Negative Power Supply Input (PLL Digital Supply)
32
VDDOD
Positive Power Supply Input (PLL Digital Supply)
33
VDDOD
Positive Power Supply Input (PLL Digital Supply)
34
N/C
No Connect
35
RREF
Output Level Reference Resistor (1.69 k
Ω, 1% Nominal Value)
36
VDDOD
Positive Power Supply Input (PLL Digital Supply)
37
VSSSD
Negative Power Supply Input (Output Driver)
38
SDO
Serial Data True Output
39
SDO
Serial Data Complement Output
40
VDDSD
Positive Power Supply Input (Output Driver)
41
Sync Detect Enable
Parallel Data Sync Detection Enable Input (Low True)
42
NSP
New Sync Position Output
43
ANC
Ancilliary Data Header Flag Output
44
NTSC/PAL
NTSC/PAL Mode Indicator Output (PAL=High, NTSC=Low)
(1)
All CMOS/TTL inputs have internal pull-down devices.
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com