Electronic Components Datasheet Search
  English  ▼

X  

LM3551 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3551
Description  1A White LED Driver with Flash Timeout Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3551 Datasheet(HTML) 2 Page - Texas Instruments

  LM3551 Datasheet HTML 1Page - Texas Instruments LM3551 Datasheet HTML 2Page - Texas Instruments LM3551 Datasheet HTML 3Page - Texas Instruments LM3551 Datasheet HTML 4Page - Texas Instruments LM3551 Datasheet HTML 5Page - Texas Instruments LM3551 Datasheet HTML 6Page - Texas Instruments LM3551 Datasheet HTML 7Page - Texas Instruments LM3551 Datasheet HTML 8Page - Texas Instruments LM3551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Top View
Bottom View
Die-Attach
Pad(DAP)
GND
11
10
9
12
13
8
14
4
5
6
3
2
7
1
Die-Attach
Pad(DAP)
GND
11
10
9
12
13
8
14
4
5
6
3
2
7
1
LM3551, LM3552
SNVS371C – AUGUST 2005 – REVISED MARCH 2011
www.ti.com
Connection Diagram
14-Pin WSON Package
Figure 1. Package Number NHL0014B
PIN DESCRIPTIONS
Pin
Name
Function
9
VIN
Input Voltage. Input range: 2.7V to 5.5V.
13
T/F
TORCH/FLASH Pin. Low = Torch Mode, High = Flash Mode
8
SW
Switch Pin
10
OVP
Over Voltage Protection Pin
3
VC
Compensation network connection. Connected to the output of the voltage error amplifier.
SD(LM3551)
Shutdown pin logic input. High = Shutdown, Low = Enabled
5
EN(LM3552)
Enable pin logic input. High = Enabled, Low = Shutdown
12
FTO
Flash Timeout. External capacitor determines max. duration allowed flash pulse
11
SS
Soft Start Pin
4
FB
Feedback Pin
14
FET-T
Torch FET Drain
2
FET-F
Flash FET Drain
1,7,DAP
GND
Ground
Analog Ground. Connect the ground of the compensation components, CFTO and soft start cap to
6
AGND
AGND. AGND must be connected to the GND pin through a low impedance connection.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2011, Texas Instruments Incorporated
Product Folder Links: LM3551 LM3552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com