Electronic Components Datasheet Search
  English  ▼

X  

LM3551 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3551
Description  1A White LED Driver with Flash Timeout Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3551 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3551 Datasheet HTML 12Page - Texas Instruments LM3551 Datasheet HTML 13Page - Texas Instruments LM3551 Datasheet HTML 14Page - Texas Instruments LM3551 Datasheet HTML 15Page - Texas Instruments LM3551 Datasheet HTML 16Page - Texas Instruments LM3551 Datasheet HTML 17Page - Texas Instruments LM3551 Datasheet HTML 18Page - Texas Instruments LM3551 Datasheet HTML 19Page - Texas Instruments LM3551 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
LM3551/2
SD/EN
T/F
VIN
VC
GND
SW
FB
FET-T
FET-F
CIN
COUT
R2
RF
D1
L1
RC
CC
VBAT
SS
OVP
CFTO
FTO
R1
VOUT = 5V
LM3551, LM3552
SNVS371C – AUGUST 2005 – REVISED MARCH 2011
www.ti.com
DUAL-MODE CONFIGURATION(1)
Figure 18. R1 = 29.5kΩ,R2 = 10kΩ RF = 3Ω
IFLASH = 500mA
Using the Dual-Mode configuration with either the LM3551/2, a 5V, high current rail (approx. 700mA total) can be
created while still allowing for a high flash with a true load disconnect. R1 and R2 setup the +5V following the
equation:VOUT = 1.265 × (1 + R1/R2) . When the LM3551/2 is on, and the T/F pin is low (logic '0'), the part will
provide a regulated output voltage that can be used to provide a voltage rail within a system. By setting the T/F
pin high, the LM3551/2 will allow the current to flow through the flash LED while still maintaining the fixed output
voltage rail. The flash current is set by RF using the equation RF = [(VOUT - VLED) / ILED] - 0.36Ω , and should not
exceed 500mA. The total usable output current is dependent upon the output voltage selected. If the dual-mode
configuration is used, the FTO pin should be grounded to prevent the voltage rail from being shutdown at an
unwanted time.
(1)
Please refer to the RECOMMENDED MINIMUM COMPONENT SPECIFICATIONS section of the datasheet for more information.
16
Submit Documentation Feedback
Copyright © 2005–2011, Texas Instruments Incorporated
Product Folder Links: LM3551 LM3552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com