Electronic Components Datasheet Search
  English  ▼

X  

LM3551 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3551
Description  1A White LED Driver with Flash Timeout Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3551 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3551 Datasheet HTML 6Page - Texas Instruments LM3551 Datasheet HTML 7Page - Texas Instruments LM3551 Datasheet HTML 8Page - Texas Instruments LM3551 Datasheet HTML 9Page - Texas Instruments LM3551 Datasheet HTML 10Page - Texas Instruments LM3551 Datasheet HTML 11Page - Texas Instruments LM3551 Datasheet HTML 12Page - Texas Instruments LM3551 Datasheet HTML 13Page - Texas Instruments LM3551 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LM3551, LM3552
SNVS371C – AUGUST 2005 – REVISED MARCH 2011
www.ti.com
Soft-Start
The LM3551 and LM3552 have a soft-start pin that can be used to limit the inductor inrush current on start-up.
The external SS pin is used to tailor the soft-start for a specific application but is not required for all applications
and can be left open when not needed. When used, a current source charges the external soft-start capacitor,
CSS, forcing the internal reference to ramp-up at a user determined rate.
Table 1. Typical Start-Up TimesVIN = 3.6V, TA = +25°C
CSS (µF)
Load (mA)
Start-Up Time (msec.)
Sharp LED @ 75mA Torch
3
Sharp LED @ 250mA Flash
8
0.1
Lumiled LED @ 200mA Torch
1.6
Lumiled LED @ 700mA Flash
6
Sharp LED @ 75mA Torch
12
Sharp LED @ 250mA Flash
35
0.47
Lumiled LED @ 200mA Torch
6
Lumiled LED @ 700mA Flash
35
Sharp LED @ 75mA Torch
25
Sharp LED @ 250mA Flash
75
1.0
Lumiled LED @ 200mA Torch
30
Lumiled LED @ 700mA Flash
70
10
Submit Documentation Feedback
Copyright © 2005–2011, Texas Instruments Incorporated
Product Folder Links: LM3551 LM3552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com