Electronic Components Datasheet Search
  English  ▼

X  

LM3551 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3551
Description  1A White LED Driver with Flash Timeout Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3551 Datasheet(HTML) 4 Page - Texas Instruments

  LM3551 Datasheet HTML 1Page - Texas Instruments LM3551 Datasheet HTML 2Page - Texas Instruments LM3551 Datasheet HTML 3Page - Texas Instruments LM3551 Datasheet HTML 4Page - Texas Instruments LM3551 Datasheet HTML 5Page - Texas Instruments LM3551 Datasheet HTML 6Page - Texas Instruments LM3551 Datasheet HTML 7Page - Texas Instruments LM3551 Datasheet HTML 8Page - Texas Instruments LM3551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM3551, LM3552
SNVS371C – AUGUST 2005 – REVISED MARCH 2011
www.ti.com
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = +25° C. Limits in boldface type apply over the full operating junction temperature
range (-40°C
≤ TJ ≤ +110°C). Unless otherwise noted, specifications apply to the LM3551 and LM3552 Typical Application
Circuit (pg. 1) with: VIN = 3.6V, V(SD) = 0V for LM3551 and V(EN) = VIN for LM3552, ILOAD = 0A
(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IQ
Quiescent Current
FB = VIN (Not Switching)
1.47
2.0
mA
V(SD) = VIN, LM3551
2.55
5.0
ISD
Shutdown Current
µA
V(EN) = 0V, LM3552
0.1
2.3
ICL
(4)
Switch Current Limit
VIN = 3.0V
(5)
2.1
A
VFB
Feedback Voltage
1.2285
1.265
1.2915
V
IFB
(6)
Feedback Pin Bias Current
50
nA
gm
Error Amp Transconductance
ΔI = 5µA
135
µmho
AV
Error Amp Voltage Gain
135
V/V
DMAX
Maximum Duty Cycle
92.5
%
fsw
Switching Frequency
0.9
1.25
1.6
MHz
Shutdown Pin Current
ISDPIN
VSD = 0V
3.0
6
µA
(LM3551)
Enable Pin Current
IENPIN
VEN = 3.6V
3.0
6
µA
(LM3552)
VT/F = 0V
26
IT/FPIN
T/F Pin Current
nA
VT/F = VIN
22
IL-SW
SW Pin Leakage Current
VL-SW = 20V
0.07
8
µA
RDSON-SW
SW Pin RDSON
ISW = 0.5A
0.165
Ω
IL-T
FET-T Leakage Current
0.1
µA
RDSON-T
FET-T RDSON
0.98
Ω
IL-F
FET-F Leakage Current
0.1
µA
RDSON-F
FET-F RDSON
0.36
Ω
Output High
1.2
Shutdown/Enable Pin
ThSD/EN
V
Threshold
Output Low
0.3
Output High
1.2
ThT/F
T/F Pin Threshold
V
Output Low
0.3
On Threshold
2.25
2.48
2.70
Under Voltage Protection
UVP
V
Thresholds
Off Threshold
2.43
2.58
2.77
On Threshold
11.3
12.4
14
Over Voltage Protection
OVP
V
Thresholds
Off Threshold
9.2
10.6
12
VFTO
Flash Timeout trip-point
0.99
1.16
1.32
V
IFTO
Flash Timeout Current
1.12
1.4
1.68
µA
VSS
Soft-Start Voltage
1.18
1.25
1.32
V
ISS
Soft-Start Current
10
11.5
13
µA
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical (Typ) numbers are not guaranteed, but do represent
the most likely norm. Unless otherwise specified, conditions for Typ specifications are: VIN = 3.6V and TA = 25ºC.
(3)
CIN and COUT,: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics
(4)
Duty cycle affects current limit due to ramp generator.
(5)
Current limit at 0% duty cycle. See TYPICAL PERFORMANCE section for Switch Current Limit vs. VIN
(6)
Bias current flows into FB pin.
4
Submit Documentation Feedback
Copyright © 2005–2011, Texas Instruments Incorporated
Product Folder Links: LM3551 LM3552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com