Electronic Components Datasheet Search
  English  ▼

X  

LM3551 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3551
Description  1A White LED Driver with Flash Timeout Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3551 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3551 Datasheet HTML 8Page - Texas Instruments LM3551 Datasheet HTML 9Page - Texas Instruments LM3551 Datasheet HTML 10Page - Texas Instruments LM3551 Datasheet HTML 11Page - Texas Instruments LM3551 Datasheet HTML 12Page - Texas Instruments LM3551 Datasheet HTML 13Page - Texas Instruments LM3551 Datasheet HTML 14Page - Texas Instruments LM3551 Datasheet HTML 15Page - Texas Instruments LM3551 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Hz
1
fZ1 =
2SRESRCOUT
Hz
1
fP1 =
2S>RESR + (VOUT/ILED)]COUT
LM3551, LM3552
SNVS371C – AUGUST 2005 – REVISED MARCH 2011
www.ti.com
DIODE SELECTION
The output diode for a boost regulator must be chosen correctly depending on the output voltage and output
current. The output diode must have a reverse voltage rating equal to or greater than the output voltage used.
The average current rating must be greater than the maximum load current expected, and the peak current rating
must be greater than the peak inductor current. Using Schottky diodes with lower forward voltage drop will
decrease power dissipation and increase efficiency.
CAPACITOR SELECTION
Input Capacitor
An input capacitor is required to reduce the input ripple and noise for proper operation of the regulator. The size
used is dependant on the application and board layout. If the regulator will be loaded uniformly, with very little
load changes, and at lower current outputs, the input capacitor size can often be reduced. The size can also be
reduced if the input of the regulator is very close to the source output. The size will generally need to be larger
for applications where the regulator is supplying nearly the maximum rated output or if large load steps are
expected. A minimum value of 10µF should be used under normal operating condtions while a 10-22µF capacitor
may be required for higher power and dynamic loads. Larger values and/or lower ESR may be needed if the
application requires very low ripple on the input source voltage.
Output Capacitor
A minimum output capacitor value of 4.7µF (Sharp LED) and 10µF (Lumiled) is recommended and may be
increased to a larger value. The ESR of the output capacitor is important because it determines the peak to peak
output voltage ripple according to the approximate equation:
ΔVOUT ≊ 2 × ΔIL× RESR (in Volts)
(10)
After choosing the output capacitor you can determine a pole-zero pair introduced into the control loop by the
following equations:
(11)
The zero created by the ESR of the output capacitor is generally at a very high frequency if the ESR is small. If
low ESR capacitors are used it can be neglected. The output capacitor pole information is useful in selecting the
proper compensation components and is discussed in the Compensation Components section of the datasheet.
Capacitor Properties
Surface-mount multi-layer ceramic capacitors are recommended for both the input and output capacitors. These
capacitors are small, inexpensive and have very low equivalent series resistance (ESR <20m
Ω typ.). Tantalum
capacitors, OS-CON capacitors, and aluminum electrolytic capacitors are not recommended for use with the
LM3551/2 due to their high ESR, as compared to ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred for use with
the LM3551/2. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over -55°C to 125°C; X5R: ±15% over -55°C to 85°C).
Capacitors with Y5V or Z5U temperature characteristic are generally not recommended for use with the
LM3551/2. Capacitors with these temperature characteristics typically have wide capacitance tolerance (+80%, -
20%) and vary significantly over temperature (Y5V: +22%, -82% over -30°C to +85°C range; Z5U: +22%, -56%
over +10°C to +85°C range). Under some conditions, a nominal 1µF Y5V or Z5U capacitor could have a
capacitance of only 0.1µF. Such deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum
capacitance requirements of the LM3551/2.
The minimum voltage rating acceptable for the input capacitor is 6.3V (10V recommended) and 16V for the
output capacitor. In applications that have DC operating points near the maximum voltage rating of the ceramic
capacitor, larger capacitor values may be required to compensate for capacitance loss due to capacitor voltage
coefficient. See the capacitor manufacturer's datasheet for DC bias performance.
12
Submit Documentation Feedback
Copyright © 2005–2011, Texas Instruments Incorporated
Product Folder Links: LM3551 LM3552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com