Electronic Components Datasheet Search
  English  ▼

X  

LM3551 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3551
Description  1A White LED Driver with Flash Timeout Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3551 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3551 Datasheet HTML 10Page - Texas Instruments LM3551 Datasheet HTML 11Page - Texas Instruments LM3551 Datasheet HTML 12Page - Texas Instruments LM3551 Datasheet HTML 13Page - Texas Instruments LM3551 Datasheet HTML 14Page - Texas Instruments LM3551 Datasheet HTML 15Page - Texas Instruments LM3551 Datasheet HTML 16Page - Texas Instruments LM3551 Datasheet HTML 17Page - Texas Instruments LM3551 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Hz
1
fZC =
2SRCCC
Hz
1
2S(RC + RO)CC
fPC =
LM3551, LM3552
SNVS371C – AUGUST 2005 – REVISED MARCH 2011
www.ti.com
Compensation Components
The LM3551 and LM3552 provide a compensation pin (VC) to customize the voltage loop feedback. It is
recommended that a series combination of RC and CC be used for the compensation network, as shown in the
typical application circuit. For any given application, there exists a unique combination of RC and CC that will
optimize the performance of the LM3551/2 circuit in terms of its transient response. The series combination of RC
and CC introduces a pole-zero pair. The frequency of the pole created is determined by the equation:
(19)
where RO is the output impedance of the error amplifier, approximately 900kΩ. Since RC is generally much less
than RO, it has little effect on the above equation and can be neglected until a value is chosen to set the zero fZC.
fZC is created to cancel the pole created by the output capacitor, fP1. The output capacitor pole will shift with
different load currents as shown by the equation, so setting the zero is not exact. Determine the range of fP1 over
the expected loads and then set the zero fZC to a point approximately in the middle. The frequency of this zero is
determined by:
(20)
Now RC can be chosen with the selected value for CC. Check to make sure that the pole fPC is still in the 10Hz to
500Hz range, and change each value slightly if needed to ensure both component values are in the
recommended range. For both typical applications circuits shown on the front page, the Recommended value
for CC is 4.7nF and RC = 10kΩ for Lumiled applications. 10nF and 27kΩ are recommended for Sharp
applications.
RECOMMENDED MINIMUM COMPONENT SPECIFICATIONS
Component
Value
Ratings
L1
4.7µH
2.0A 30% ISAT Rating
4.7µF (Sharp)
CIN
10V X5R or X7R
10µF (Lumiled)
4.7µF (Sharp)
COUT
16V X5R or X7R
10uF (Lumiled)
CFTO
User Determined
6.3V X5R or X7R
4.7nF
(Lumiled)
CC
6.3V X5R or X7R
10nF
(Sharp)
10k
Ω
(Lumiled)
RC
27k
Ω
(Sharp)
RFLASH
User Determined
Application Specific
RTORCH
User Determined
Application Specific
CSS
User Determined
6.3V X5R or X7R
Torch and Flash Resistor ratings are dependent upon the current through each resistor. The minimum ratings will
vary depending upon the current selected on an applicaiton by application basis. Power Rating Minimum =
(Desired Current)2 × Resistor Value.See the CURRENT SET EQUATIONS section to determine torch and flash
currents.
14
Submit Documentation Feedback
Copyright © 2005–2011, Texas Instruments Incorporated
Product Folder Links: LM3551 LM3552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com