Electronic Components Datasheet Search
  English  ▼

X  

LM3551 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3551
Description  1A White LED Driver with Flash Timeout Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3551 Datasheet(HTML) 1 Page - Texas Instruments

  LM3551 Datasheet HTML 1Page - Texas Instruments LM3551 Datasheet HTML 2Page - Texas Instruments LM3551 Datasheet HTML 3Page - Texas Instruments LM3551 Datasheet HTML 4Page - Texas Instruments LM3551 Datasheet HTML 5Page - Texas Instruments LM3551 Datasheet HTML 6Page - Texas Instruments LM3551 Datasheet HTML 7Page - Texas Instruments LM3551 Datasheet HTML 8Page - Texas Instruments LM3551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM3551/2
VC
SW
FB
FET-T
FET-F
RT
RF
D1
L1
RC
CC
SS
OVP
FTO
CSS
SD/
EN
T/F
LUMILED
LXCL-PWF1
Flash LED
CFTO
COUT
CIN
VBAT
VIN
Sharp
GM5BW05340A
Flash LED
LM3551/2
VC
SW
FB
FET-T
FET-F
RT
RF
D1
L1
RC
CC
SS
OVP
FTO
CSS
SD/
EN
T/F
COUT
CFTO
CIN
GND
VIN
VBAT
LM3551, LM3552
www.ti.com
SNVS371C – AUGUST 2005 – REVISED MARCH 2011
LM3551 /LM3552 1A White LED Driver with Flash Timeout Protection
Check for Samples: LM3551, LM3552
1
FEATURES
APPLICATIONS
2
•
Up to 1A Total Drive Current
•
White LED Camera Flash
•
Flash Timeout Protection
•
White LED Torch (Flashlight)
•
Independent Torch/Flash/Shutdown Modes
•
DSC (Digital Still Camera) Flash
•
LED Disconnect in Shutdown
•
Cellular Camera Phone Flash
•
Programmable Soft-Start Limits Inrush Current
•
PDA Camera Flash
•
Over-Voltage Protection
•
Camcorder Torch (Flashlight) Lamp
•
Wide Voltage Range 2.7 to 5.5V
•
1.25MHz Constant Switching Frequency
•
Small, Low Profile Package, Non-Pullback
WSON(4mm x 4mm)
DESCRIPTION
The LM3551 and LM3552 are fixed frequency, current mode step-up DC/DC converters with two integrated
NFETs that can be used for precision LED brightness control. The devices are capable of driving loads up to 1A
from a single-cell Li-Ion battery.
The LM3551 and LM3552 can drive one or more high current flash LEDs either in a high power Flash mode or a
lower power Torch mode using the TORCH/FLASH pin. A programmable Timeout function on the FTO pin forces
the internal NFETs to turn off after a certain user defined time. An external SD pin (LM3551) or EN pin (LM3552)
is available to put the device into low power shutdown mode. During shutdown, the feedback resistors and the
load are disconnected from the input to avoid leakage current paths to ground.
User programmable soft-start circuitry has been integrated to eliminate large inrush currents at start-up. Over-
voltage protection circuitry and a 1.25MHz switching frequency allow for the use of small, low-cost output
capacitors with lower voltage ratings. The LM3551 and LM3552 are available in a low profile 14-pin WSON
package.
Typical Application Circuits
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3551

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3551 NSC-LM3551 Datasheet
756Kb / 15P
1A White LED Driver with Flash Timeout Protection
LM3551 NSC-LM3551 Datasheet
752Kb / 15P
1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551 TI1-LM3551 Datasheet
1Mb / 23P
1A White LED Driver with Flash Timeout Protection
logo
National Semiconductor ...
LM3551SD NSC-LM3551SD Datasheet
756Kb / 15P
1A White LED Driver with Flash Timeout Protection
LM3551SD NSC-LM3551SD Datasheet
752Kb / 15P
1A White LED Driver with Flash Timeout Protection
More results

Similar Description - LM3551

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3551 NSC-LM3551 Datasheet
756Kb / 15P
1A White LED Driver with Flash Timeout Protection
logo
Monolithic Power System...
MP3204 MPS-MP3204 Datasheet
267Kb / 8P
1.3MHz Fixed Frequency 5 White LED Driver with Open LED Protection
logo
ON Semiconductor
NCP5050 ONSEMI-NCP5050 Datasheet
161Kb / 14P
4.5 W Flash White LED Boost Driver
October, 2007 - Rev. 0
logo
National Semiconductor ...
LM3551 NSC-LM3551_06 Datasheet
752Kb / 15P
1A White LED Driver with Flash Timeout Protection
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
1A WHITE LED DRIVER
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Monolithic Power System...
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
1A, 55V, Programmable Frequency White LED Driver
logo
Texas Instruments
LM3551 TI1-LM3551 Datasheet
1Mb / 23P
1A White LED Driver with Flash Timeout Protection
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com