Electronic Components Datasheet Search
  English  ▼

X  

P0071 Datasheet(PDF) 19 Page - Altera Corporation

Part # P0071
Description  DE2-115 with LCD Touch Panel and Camera
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

P0071 Datasheet(HTML) 19 Page - Altera Corporation

Back Button P0071 Datasheet HTML 15Page - Altera Corporation P0071 Datasheet HTML 16Page - Altera Corporation P0071 Datasheet HTML 17Page - Altera Corporation P0071 Datasheet HTML 18Page - Altera Corporation P0071 Datasheet HTML 19Page - Altera Corporation P0071 Datasheet HTML 20Page - Altera Corporation P0071 Datasheet HTML 21Page - Altera Corporation P0071 Datasheet HTML 22Page - Altera Corporation P0071 Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
Chapter 4
tPad Demonstrations
This chapter gives detailed description of the provided bundles of exclusive demonstrations
implemented on tPad. These demonstrations are particularly designed (or ported) for tPad, with the
goal of showing the potential capabilities of the kit and showcase the unique benefits of
FPGA-based SOPC systems such as reducing BOM costs by integrating powerful graphics and
video processing circuits within the FPGA.
18
4.1
4.1 System Requirements
System Requirements
To run and recompile the demonstrations, you should:
•
Install Altera Quartus II 10.0 and NIOS II EDS 10.0 or later edition on the host computer
•
Install the USB-Blaster driver software. You can find instructions in the tutorial “Getting
Started with Altera’s DE2-115 Board” (tut_initialDE2-115.pdf) which is available on the
DE2-115 system CD
•
Copy the entire demonstrations folder from the tPad system CD to your host computer
4.2
4.2 Factory Configuration
Factory Configuration
The tPad development kit comes preconfigured with a default utility that boots up on power on and
allows users to quickly select, load, and run different Ready-to-Run demonstrations stored on an SD
Card using the tPad touch panel. Figure 4-1 gives a snapshot of the default application selector
interface (Note*). Every demonstration consists of a FPGA hardware image and an application
software image. When you select a demonstration the application selector copies the hardware
image to EPCS device and software image to flash memory and reconfigures the FPGA with your
selection. For more comprehensive information of the application selector factory configuration,
please refer to chapter 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com