Electronic Components Datasheet Search
  English  ▼

X  

P0071 Datasheet(PDF) 28 Page - Altera Corporation

Part # P0071
Description  DE2-115 with LCD Touch Panel and Camera
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

P0071 Datasheet(HTML) 28 Page - Altera Corporation

Back Button P0071 Datasheet HTML 24Page - Altera Corporation P0071 Datasheet HTML 25Page - Altera Corporation P0071 Datasheet HTML 26Page - Altera Corporation P0071 Datasheet HTML 27Page - Altera Corporation P0071 Datasheet HTML 28Page - Altera Corporation P0071 Datasheet HTML 29Page - Altera Corporation P0071 Datasheet HTML 30Page - Altera Corporation P0071 Datasheet HTML 31Page - Altera Corporation P0071 Datasheet HTML 32Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
A video source is input through an analog composite port on tPad which generates a digital output
in ITU BT656 format. A number of common video functions are performed on this input stream in
the FPGA. These functions include clipping, chroma resampling, motion adaptive deinterlacing,
color space conversion, picture-in-picture mixing, and polyphase scaling.
The input and output video interfaces on the tPad are configured and initialized by software running
on a Nios® II processor. Nios II software demonstrates how to control the clocked video input,
clocked video output, and mixer functions at run-time is also provided. The video system is
implemented using the SOPC Builder system level design tool. This abstracted design tool provides
an easy path to system integration of the video processing data path with a NTSC or PAL video
input, VGA output, Nios II processor for configuration and control. The Video and Image
Processing Suite MegaCore functions have common open Avalon-ST data interfaces and Avalon
Memory-Mapped (Avalon-MM) control interfaces to facilitate connection of a chain of video
functions and video system modeling. In addition, video data is transmitted between the Video and
Image Processing Suite functions using the Avalon-ST Video protocol, which facilitates building
run-time controllable systems and error recovery.
Figure 4-9 shows the Video and Image Processing block diagram.
Figure 4-9 VIP Example SOPC Block Diagram (Key Components)
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com