Electronic Components Datasheet Search
  English  ▼

X  

P0071 Datasheet(PDF) 20 Page - Altera Corporation

Part # P0071
Description  DE2-115 with LCD Touch Panel and Camera
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

P0071 Datasheet(HTML) 20 Page - Altera Corporation

Back Button P0071 Datasheet HTML 16Page - Altera Corporation P0071 Datasheet HTML 17Page - Altera Corporation P0071 Datasheet HTML 18Page - Altera Corporation P0071 Datasheet HTML 19Page - Altera Corporation P0071 Datasheet HTML 20Page - Altera Corporation P0071 Datasheet HTML 21Page - Altera Corporation P0071 Datasheet HTML 22Page - Altera Corporation P0071 Datasheet HTML 23Page - Altera Corporation P0071 Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Figure 4-1 Application selector interface
Note: Please insert the supplied SD Card from this demonstration.
19
4.3
4.3 tPad Starter Demonstration
tPad Starter Demonstration
The tPad starter demonstration takes user the initial experience of an embedded system integrating a
LCD Touch Panel. This demonstration consists of two sub item, Touch and Color pattern generator.
The Touch segment draws a circle on where you touch the screen and updates its coordinates on the
top left corner. The pattern generator can be treated as an upgrade version of the LCD test program.
The software successively generates different color patterns after a fixed time delay. Users could
use it to quickly investigate any flaw of the LCD.
Figure 4-2 shows the hardware system block diagram of this demonstration. The system is clocked
by an external 50MHz Oscillator. Through the internal PLL module, the generated 100MHz clock is
used for Nios II processor and other components, and there also a 40MHz pixel clock for the video
pipeline and 10MHz for low-speed peripherals. The Nios II CPU runs the application software and
controls all the peripherals. A scatter-gather DMA is used to transfer pixel data from the video
buffer to the video pipeline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com