Electronic Components Datasheet Search
  English  ▼

X  

P0071 Datasheet(PDF) 32 Page - Altera Corporation

Part # P0071
Description  DE2-115 with LCD Touch Panel and Camera
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

P0071 Datasheet(HTML) 32 Page - Altera Corporation

Back Button P0071 Datasheet HTML 28Page - Altera Corporation P0071 Datasheet HTML 29Page - Altera Corporation P0071 Datasheet HTML 30Page - Altera Corporation P0071 Datasheet HTML 31Page - Altera Corporation P0071 Datasheet HTML 32Page - Altera Corporation P0071 Datasheet HTML 33Page - Altera Corporation P0071 Datasheet HTML 34Page - Altera Corporation P0071 Datasheet HTML 35Page - Altera Corporation P0071 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Demonstration Source Code
•
Project directory: tPad_Camera
•
Bit stream used: tPad_Camera.sof
Demonstration Batch File
Demo Batch File Folder: tPad_Camera\demo_batch
The demo batch file includes the following files:
•
Batch File: tPad_Camera.bat
•
FPGA Configure File: tPad_Camera.sof
Demonstration Setup
•
Load the bit stream into FPGA by execute the batch file ‘tPad_Camera.bat’ under
tPad_Camera\demo_batch\ folder
•
The system enters the FREE RUN mode automatically. Press KEY[0] on the DE2-115 board
to reset the circuit
•
Press KEY[2] to take a shot of the photo; you can press KEY[3] again to switch back to
FREE RUN mode and you should be able to see whatever the camera captures on the LCD
display
•
User can use the SW[0] and KEY[1] to set the exposure time for brightness adjustment of the
image captured. When SW[0] is set to Off, the brightness of image will be increased as KEY[1]
is pressed longer. If SW[0] is set to On, the brightness of image will be decreased as KEY[1]
is pressed shorter
Note: execute the tPad_Camera.bat under tPad_Camera\demo_batch will automatically
download the .sof file.
Table 4-3 summarizes the functional keys of the digital camera. Figure 4-13 gives a run-time
photograph of the demonstration.
Table 4-3 The functional keys of the digital camera demonstration
Component Function Description
KEY[0]
Reset circuit
KEY[1]
Set the new exposure time (use with SW[0] )
KEY[2]
Trigger the Image Capture (take a shot)
KEY[3]
Switch to Free Run mode
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com