Electronic Components Datasheet Search
  English  ▼

X  

P0071 Datasheet(PDF) 33 Page - Altera Corporation

Part # P0071
Description  DE2-115 with LCD Touch Panel and Camera
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

P0071 Datasheet(HTML) 33 Page - Altera Corporation

Back Button P0071 Datasheet HTML 29Page - Altera Corporation P0071 Datasheet HTML 30Page - Altera Corporation P0071 Datasheet HTML 31Page - Altera Corporation P0071 Datasheet HTML 32Page - Altera Corporation P0071 Datasheet HTML 33Page - Altera Corporation P0071 Datasheet HTML 34Page - Altera Corporation P0071 Datasheet HTML 35Page - Altera Corporation P0071 Datasheet HTML 36Page - Altera Corporation P0071 Datasheet HTML 37Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
Off: Extend the exposure time
SW[0]
On: Shorten the exposure time
HEX[7:0]
Frame counter (Display ONLY)
Figure 4-13 Screen shot of the tPad camera demonstration
32
4.7
4.7 Video and Image Processing for Camera
Video and Image Processing for Camera
The Video and Image Processing (VIP) for Camera Example Design demonstrates dynamic scaling
and clipping of a standard definition video stream in RGB format and picture-in-picture mixing
with a background layer. The video stream is output in high definition resolution (800×600) on the
HSMC LTC daughter card (part of the tPad).
The example design demonstrates a framework for rapid development of video and image
processing systems using the parameterizable MegaCore® functions that are available in the Video
and Image Processing Suite. Available functions are listed in Table 4 2. This demonstration needs
the Quartus II license file includes the VIP suite feature.
These functions allow you to fully integrate common video functions with video interfaces,
processors, and external memory controllers. The example design uses an Altera Cyclone® IV E
EP4CE115F29 featured tPad board.
A video source is input through the CMOS sensor on tPad which generates a digital output in RGB
format. A number of common video functions are performed on this input stream in the FPGA.
These functions include clipping, chroma resampling, motion adaptive deinterlacing, color space
conversion, picture-in-picture mixing, and polyphase scaling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com