Electronic Components Datasheet Search
  English  ▼

X  

P0071 Datasheet(PDF) 4 Page - Altera Corporation

Part # P0071
Description  DE2-115 with LCD Touch Panel and Camera
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

P0071 Datasheet(HTML) 4 Page - Altera Corporation

  P0071 Datasheet HTML 1Page - Altera Corporation P0071 Datasheet HTML 2Page - Altera Corporation P0071 Datasheet HTML 3Page - Altera Corporation P0071 Datasheet HTML 4Page - Altera Corporation P0071 Datasheet HTML 5Page - Altera Corporation P0071 Datasheet HTML 6Page - Altera Corporation P0071 Datasheet HTML 7Page - Altera Corporation P0071 Datasheet HTML 8Page - Altera Corporation P0071 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
 
Chapter 1
Introduction of the tPad
The tPad FPGA Development Kit is a comprehensive design environment with everything
embedded developers need to create processing-based systems. The tPad delivers an integrated
platform that includes hardware, design tools, intellectual property (IP) and reference designs for
developing embedded software and hardware platform in a wide range of applications. The fully
integrated kit allows developers to rapidly customize their processor and IP to best suit their specific
application. The tPad features the DE2-115 development board targeting the Cyclone IV E FPGA,
as well as a LCD multimedia color touch panel and a 5-Megapixel digital image sensor module.
The tPad is preconfigured with an FPGA hardware reference design including several Ready-to-Run
demonstration applications stored on the provided SD-Card. Software developers can use these
reference designs as their platform to quickly architect, develop and build complex embedded
systems. By simply scrolling through the demo of your choice on the LCD multimedia color touch
panel, you can evaluate numerous processor system designs.
The all-in-one embedded solution offered on the tPad, in combination of the LCD touch panel and
digital image module, provide embedded developers the ideal platform for multimedia applications
with unparallel processing performance. Developers can benefit from the use of FPGA-based
embedded processing system such as mitigate design risk and obsolescence, design reuse, reducing
bill of material (BOM) costs by integrating powerful graphics engines within the FPGA, and lower
cost.
Figure 1-1 shows a photograph of the tPad.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com