Electronic Components Datasheet Search
  English  ▼

X  

LM3203 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3203
Description  Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3203 Datasheet(HTML) 5 Page - Texas Instruments

  LM3203 Datasheet HTML 1Page - Texas Instruments LM3203 Datasheet HTML 2Page - Texas Instruments LM3203 Datasheet HTML 3Page - Texas Instruments LM3203 Datasheet HTML 4Page - Texas Instruments LM3203 Datasheet HTML 5Page - Texas Instruments LM3203 Datasheet HTML 6Page - Texas Instruments LM3203 Datasheet HTML 7Page - Texas Instruments LM3203 Datasheet HTML 8Page - Texas Instruments LM3203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM3203
www.ti.com
SNVS355C – MAY 2005 – REVISED JULY 2005
Electrical Characteristics
(1) (2) 4.7µF for C
OUT and 10µF for CIN
Limits in standard typeface are for TA = TJ = 25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−30°C ≤ TA = TJ ≤ +85°C). Unless otherwise noted, specifications apply to the LM3203 with: PVIN = VDD = EN = 3.6V,
BYP = 0V, VCON = 0.267V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Voltage Range (3)
PVIN = VDD = VIN
2.7
5.5
V
VFB, MIN
Feedback Voltage at
VCON = 0.267V, VIN = 3.6V
0.250
0.267
0.284
V
Minimum Setting
VFB, MAX
Feedback Voltage at
VCON = 1.20V, VIN = 4.2V
1.176
1.200
1.224
V
Maximum Setting
OVP
Over-Voltage Protection
(4)
100
150
mV
Threshold
ISHDN
Shutdown Supply
EN = SW = BYPOUT = VCON = FB = 0V
0.1
3
µA
Current (5)
IQ_PWM
DC Bias Current into
VCON = 0.267V, FB = 2V, BYPOUT = 0V, No
675
780
µA
VDD
Switching
IQ_BYP
BYP = 3.6V, VCON = 0.5V, No Load
680
780
µA
RDSON (P)
Pin-Pin Resistance for
ISW = 500mA
320
450
m
Ω
P-FET
RDSON (N)
Pin-Pin Resistance for
ISW = − 200mA
310
450
m
Ω
N-FET
RDSON
Pin-Pin Resistance for
IBYPOUT = 500mA
85
120
m
Ω
(BYP)
Bypass FET
ILIM-PFET
Switch Current Limit
(6)
700
820
940
mA
ILIM-BYP
Bypass FET Current
(7)
800
1000
1200
mA
Limit
FOSC
Internal Oscillator
1.7
2
2.2
MHz
Frequency
VIH
Logic High Input
1.20
V
Threshold for EN, BYP
VIL
Logic Low Input
0.4
V
Threshold for EN, BYP
IPIN
Pin Pull Down Current
EN, BYP = 3.6V
5
10
µA
for EN, BYP
Gain
VCON to VOUT Gain
1
V/V
ZCON
VCON Input Resistance
VCON = 1.2V
1
M
Ω
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
(3)
The LM3203 is designed for mobile phone applications where turn-on after power-up is controlled by the system controller and where
requirements for a small package size overrule increased die size for internal Under Voltage Lock-Out (UVLO) circuitry. Thus, it should
be kept in shutdown by holding the EN pin low until the input voltage exceeds 2.7V.
(4)
Over-Voltage protection (OVP) threshold is the voltage above the nominal VOUT where the OVP comparator turns off the PFET switch
while in PWM mode. The OVP threshold will be the value of the threshold at the FB voltage times the resistor divider ratio. In the
Figure 3, 100mV (typ.) × ((267K + 133K) ÷ 133K).
(5)
Shutdown current includes leakage current of PFET and Bypass FET.
(6)
Electrical Characteristics table reflects open loop data (FB=0V and current drawn from SW pin ramped up until cycle by cycle current
limit is activated). Refer to Typical Performance Characteristics (Open/Closed Loop Current Limit vs Temperature (PWM Mode) curve)
for closed loop data and its variation with regards to supply voltage and temperature. Closed loop current limit is the peak inductor
current measured in the application circuit by increasing output current until output voltage drops by 10%.
(7)
Bypass FET current limit is defined as the load current at which the FB voltage is 1V lower than VIN.
Copyright © 2005, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com