Electronic Components Datasheet Search
  English  ▼

X  

LM3203 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3203
Description  Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3203 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3203 Datasheet HTML 7Page - Texas Instruments LM3203 Datasheet HTML 8Page - Texas Instruments LM3203 Datasheet HTML 9Page - Texas Instruments LM3203 Datasheet HTML 10Page - Texas Instruments LM3203 Datasheet HTML 11Page - Texas Instruments LM3203 Datasheet HTML 12Page - Texas Instruments LM3203 Datasheet HTML 13Page - Texas Instruments LM3203 Datasheet HTML 14Page - Texas Instruments LM3203 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
40
60
80
100
120
140
160
IBYPOUT = 500 mA
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
100
200
300
400
500
600
-40
VIN = 4.2V
ISW = 500 mA
VIN = 2.7V
VIN = 3.6V
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
100
200
300
400
500
600
-40
VIN = 4.2V
ISW = - 200 mA
VIN = 2.7V
VIN = 3.6V
LM3203
www.ti.com
SNVS355C – MAY 2005 – REVISED JULY 2005
Typical Performance Characteristics 4.7µF for COUT and 10µF for CIN
(continued)
(Circuit in Figure 3, PVIN = VDD = EN = 3.6V, BYP = 0V, TA = 25°C, unless otherwise noted)
RDSON
RDSON
vs
vs
Temperature
Temperature
(P-FET)
(N-FET)
RDSON
Dropout Voltage
vs
vs
Temperature
Output Current
(Bypass FET)
(RDC : Inductor DC Resistance)
Copyright © 2005, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com