Electronic Components Datasheet Search
  English  ▼

X  

LM3203 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3203
Description  Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3203 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3203 Datasheet HTML 3Page - Texas Instruments LM3203 Datasheet HTML 4Page - Texas Instruments LM3203 Datasheet HTML 5Page - Texas Instruments LM3203 Datasheet HTML 6Page - Texas Instruments LM3203 Datasheet HTML 7Page - Texas Instruments LM3203 Datasheet HTML 8Page - Texas Instruments LM3203 Datasheet HTML 9Page - Texas Instruments LM3203 Datasheet HTML 10Page - Texas Instruments LM3203 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
JUNCTION TEMPERATURE (
oC)
-40 -20
0
20
40
60
80 100 120 140
0.1
0.3
0.5
0.7
0.9
VIN = 2.7V
EN = 0V
VCON = 0V
FB = SW = 0V
VIN = 4.2V
VIN = 3.6V
VIN = 5.5V
LM3203
www.ti.com
SNVS355C – MAY 2005 – REVISED JULY 2005
Typical Performance Characteristics 4.7µF for COUT and 10µF for CIN
(Circuit in Figure 3, PVIN = VDD = EN = 3.6V, BYP = 0V, TA = 25°C, unless otherwise noted)
Quiescent Current
Shutdown Current
vs
vs
Supply Voltage
Temperature
(VCON = 0.267V, FB = 2V, No Load)
(EN = 0V)
Switching Frequency Variation
Output Voltage
vs
vs
Temperature
Supply Voltage
(VOUT = 1.5V, IOUT = 200 mA)
(VOUT = 1.5V, VCON = 0.5V)
Output Voltage
Output Voltage
vs
vs
Temperature
Temperature
(VIN = 3.6V, VOUT = 1.5V, VCON = 0.5V)
(VIN = 4.2V, VOUT = 3.4V, VCON = 1.13V)
Copyright © 2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com