Electronic Components Datasheet Search
  English  ▼

X  

LM3203 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3203
Description  Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3203 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3203 Datasheet HTML 2Page - Texas Instruments LM3203 Datasheet HTML 3Page - Texas Instruments LM3203 Datasheet HTML 4Page - Texas Instruments LM3203 Datasheet HTML 5Page - Texas Instruments LM3203 Datasheet HTML 6Page - Texas Instruments LM3203 Datasheet HTML 7Page - Texas Instruments LM3203 Datasheet HTML 8Page - Texas Instruments LM3203 Datasheet HTML 9Page - Texas Instruments LM3203 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LM3203
SNVS355C – MAY 2005 – REVISED JULY 2005
www.ti.com
System Characteristics 4.7µF for COUT and 10µF for CIN
The following spec table entries are guaranteed by design over ambient temperature range if the component values in the
typical application circuit are used. These parameters are not guaranteed by production testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TSTARTUP Time for VOUT to rise to
VIN = 4.2V, COUT = 4.7µF,
50
µs
3.4V in PWM mode
RLOAD = 10Ω
L = 3.3uH (ISAT > 0.94A)
EN = Low to High
TRESPONSE Time for VOUT to Rise
VIN = 4.2V, COUT = 4.7µF,
from 0.8V to 3.6V in
RLOAD = 10Ω
30
µs
PWM Mode
L = 3.3uH (ISAT > 0.94A)
CCON
VCON Input Capacitance
VCON = 1V,
15
pF
Test frequency = 100kHz
TON_BYP
Bypass FET Turn On
VIN = 3.6V, VCON = 0.267V,
Time In Bypass Mode
COUT = 4.7µF, RLOAD = 10Ω
30
µs
BYP = Low to High
6
Submit Documentation Feedback
Copyright © 2005, Texas Instruments Incorporated
Product Folder Links: LM3203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com