Electronic Components Datasheet Search
  English  ▼

X  

LP5526 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP5526
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5526 Datasheet HTML 17Page - Texas Instruments LP5526 Datasheet HTML 18Page - Texas Instruments LP5526 Datasheet HTML 19Page - Texas Instruments LP5526 Datasheet HTML 20Page - Texas Instruments LP5526 Datasheet HTML 21Page - Texas Instruments LP5526 Datasheet HTML 22Page - Texas Instruments LP5526 Datasheet HTML 23Page - Texas Instruments LP5526 Datasheet HTML 24Page - Texas Instruments LP5526 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
LP5526
www.ti.com
SNVS431C – FEBRUARY 2006 – REVISED JULY 2009
EXTERNAL PWM CONTROL
The GPIO[0]/PWM pin can be used to control the backlight drivers brightness or set leds on/off. External PWM
control is enabled by writing 1 to EN_MAIN_PWM and/or EN_SUB_PWM bits in register address 2BH.
GPIO[0]/PWM pin is used as external PWM input when EN_PWM_PIN is set high. PWM input is active high, i.e.
LED is activated when in high state.
FADE IN / FADE OUT
LP5526 has an automatic fade in and out for main and sub backlight. The fade function is enabled with
EN_FADE bit. The slope of the fade curve is set by the SLOPE bit. Fade control for main and sub display is set
by FADE_SEL bit.
Recommended fading sequence:
1. Set SLOPE
2. Set FADE_SEL
3. Set EN_FADE = 1
4. Set EN_MAIN / EN_SUB = 1
5. Set target WLED value
6. Fading will be done either within 0.65s or 1.3s based on SLOPE selection
Fading times apply to full scale change i.e. from 0 to 100% or vice versa. If the current change does not
correspond to full scale change, the time will be respectively shorter. See WLED Dimming diagrams for typical
fade times.
WLED CONTROL REGISTER (03H)
Name
Bit
Description
SLOPE
5
FADE execution time:
0 = 1.3s (full scale)
1 = 0.65s (full scale)
FADE_SEL
4
FADE selection:
0 = FADE controls MAIN
1 = FADE controls SUB
EN_FADE
3
FADE enable
0 = FADE disabled
1 = FADE enabled
DISPL
2
Display mode:
0 = MAIN and SUB individual control
1 = MAIN and SUB controlled with MAIN DAC
EN_MAIN
1
MAIN enable:
0 = disable
1 = enable
EN_SUB
0
SUB enable:
0 = disable
1 = enable
Adjustment is made with 04H (main current) and with 05H (sub current) registers:
MAIN CURRENT [7:0]
Driver current,
SUB CURRENT [7:0]
mA (typical)
0000 0000
0
0000 0001
0.1
0000 0010
0.2
0000 0011
0.3
…
…
…
…
1111 1101
25.3
1111 1110
25.4
1111 1111
25.5
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com