Electronic Components Datasheet Search
  English  ▼

X  

LP5526 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP5526
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526 Datasheet(HTML) 4 Page - Texas Instruments

  LP5526 Datasheet HTML 1Page - Texas Instruments LP5526 Datasheet HTML 2Page - Texas Instruments LP5526 Datasheet HTML 3Page - Texas Instruments LP5526 Datasheet HTML 4Page - Texas Instruments LP5526 Datasheet HTML 5Page - Texas Instruments LP5526 Datasheet HTML 6Page - Texas Instruments LP5526 Datasheet HTML 7Page - Texas Instruments LP5526 Datasheet HTML 8Page - Texas Instruments LP5526 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
TT = Die Traceability
XY = 2 Digit Date Code
5526 = Product Identification
= Pin 1A
XYTT
5526
LP5526
SNVS431C – FEBRUARY 2006 – REVISED JULY 2009
www.ti.com
Package Mark
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
V (SW, FB, MAIN, SUB, RLED, GLED, BLED)
-0.3V to +23V
VDD1, VDD2, VDDIO, VDDA
-0.3V to +6.0V
Voltage on IRGB, IRT, VREF
-0.3V to VDD1+0.3V
with 6.0V max
Voltage on Logic Pins
-0.3V to VDDIO +0.3V with 6.0V max
I (VREF)
10µA
I(RLED, GLED, BLED)
100mA
Continuous Power Dissipation (2)
Internally Limited
Junction Temperature (TJ-MAX)
125ºC
Storage Temperature Range
-65ºC to +150ºC
Maximum Lead Temperature (Soldering) (3)
260ºC
ESD Rating (4)
Human Body Model:
2kV
Machine Model:
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150ºC (typ.) and
disengages at TJ=130ºC (typ.).
(3)
For detailed soldering specifications and information, please refer to National Semiconductor Application Note AN1112 : Micro SMD
Wafer Level Chip Scale Package
(4)
The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
Operating Ratings
(1) (2)
V (SW, FB, MAIN, SUB)
0 to +21V
VDD1,2
3.0 to 5.5V
VDDIO
1.65V to VDD1
Recommended Load Current (RLED, GLED, BLED) CC Mode
0mA to 50mA/driver
Recommended Total Boost Converter Load Current
0mA to 150mA
Junction Temperature (TJ) Range
-30ºC to +125ºC
Ambient Temperature (TA) Range
(3)
-30ºC to +85ºC
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
4
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com