Electronic Components Datasheet Search
  English  ▼

X  

LP5526 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP5526
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5526 Datasheet HTML 9Page - Texas Instruments LP5526 Datasheet HTML 10Page - Texas Instruments LP5526 Datasheet HTML 11Page - Texas Instruments LP5526 Datasheet HTML 12Page - Texas Instruments LP5526 Datasheet HTML 13Page - Texas Instruments LP5526 Datasheet HTML 14Page - Texas Instruments LP5526 Datasheet HTML 15Page - Texas Instruments LP5526 Datasheet HTML 16Page - Texas Instruments LP5526 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
LP5526
www.ti.com
SNVS431C – FEBRUARY 2006 – REVISED JULY 2009
CC_SW
5
0 = Constant current sink mode
1 = Switch mode
RSW
3
0 = RLED disabled
1 = RLED enabled
GSW
2
0 = GLED disabled
1 = GLED enabled
BSW
1
0 = BLED disabled
1 = BLED enabled
RGB REGISTER (01H)
COLOR[3:0]
7:4
Color for RGB LED output
BRIGHT[2:0]
3:1
Brightness control
OVL
0
0 = Non-overlapping mode
1 = Overlapping mode
Brightness control is logarithmic and is programmed as follows:
Bright[2:0]
Brightness [%]
Ratio to max brightness
000
0
0
001
1.56
1/64
010
3.12
1/32
011
6.25
1/16
100
12.5
1/8
101
25
1/4
110
50
1/2
111
100
1/1
RED
GREEN
BLUE
COLOR(1)[3:0]
RGB COLOR
active [%]
active [%]
active [%]
0000
100
0
0
red
0001
0
100
0
green
0010
0
0
100
blue
0011
50
50
0
yellow
0100
0
50
50
cyan
0101
50
0
50
magenta
0110
33
33
33
white
0111
50
25
25
pink
1000
25
50
25
light green
1001
25
50
25
light blue
1010
25
25
50
orange
1011
75
25
0
deep pink
1100
0
75
25
spring green
1101
25
75
0
lawn green
1110
0
25
75
sky blue
1111
25
0
75
indigo
(1)
16 colors can be selected as follows. Please note that exact color depends on RGB LED current and type. Color setting is valid only in
non-overlapping mode.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com