Electronic Components Datasheet Search
  English  ▼

X  

LP5526 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP5526
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526 Datasheet(HTML) 1 Page - Texas Instruments

  LP5526 Datasheet HTML 1Page - Texas Instruments LP5526 Datasheet HTML 2Page - Texas Instruments LP5526 Datasheet HTML 3Page - Texas Instruments LP5526 Datasheet HTML 4Page - Texas Instruments LP5526 Datasheet HTML 5Page - Texas Instruments LP5526 Datasheet HTML 6Page - Texas Instruments LP5526 Datasheet HTML 7Page - Texas Instruments LP5526 Datasheet HTML 8Page - Texas Instruments LP5526 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
LP5526
SW
MAIN
SUB
RLED
GLED
BLED
Li-Ion Battery
or Charger
= 150 mA
= 8V...20 V
FB
VDD2
10 F
L1
10 PH
P
MCU
SCL
SDA
SUB BACKLIGHT
0...25 mA/LED
MAIN BACKLIGHT
0...25 mA/LED
NRST
VDDIO
IRGB
IRT
VDDA
100 nF
VREF
D1
VDD1
100 nF
GND 1-5
100 nF
1 PF
GPIO[0]/PWM
GPIO[1]
GPIO[2]
2 x 4.7 uF
FLASH
0...150 mA
COUT
IMAX
VOUT
CVDDA
CIN
CVDD
CVREF
RRGB
RRT
RSDA
VDDIO
CVDDIO
82 k
Ö
LP5526
www.ti.com
SNVS431C – FEBRUARY 2006 – REVISED JULY 2009
LP5526 Lighting Management Unit with High Voltage Boost Converter with up to 150mA
Serial FLASH LED Driver
Check for Samples: LP5526
1
FEATURES
•
25-bump micro SMD Package: (2.54mm x
2.54mm x 0.6mm)
2
•
High efficiency boost converter with
programmable output voltage up to 20V
APPLICATIONS
•
2 individual drivers for serial display backlight
•
Cellular Phones and PDAs
LEDs
•
MP3 Players
•
Automatic dimming controller
•
Digital Cameras
•
Stand alone RGB controller
•
Dedicated flash function
•
Safety function to avoid prolonged flash
•
3 general purpose IO pins
DESCRIPTION
LP5526 is a Lighting Management Unit for portable applications. It is used to drive display backlights, keypad
LEDs, RGB LEDs and camera flash LEDs. LP5526 can drive 2 separately connected strings of LEDs with high
voltage boost converter. The RGB driver allows driving either individual color LEDs or RGB LED from separate
supply power, or it can be used to drive series connecter flash LEDs from high voltage boost converter.
The backlight drivers (MAIN and SUB pins) are both high resolution constant current mode drivers. The flash
outputs can drive series connected flash LED with up to 150mA of current. External PWM control can be used for
dimming any selected LED outputs or it can be used to trigger the flash. The flash has also 1-second safety
timer.
The device is controlled through 2-wire low voltage I2C compatible interface that reduces the number of required
connections.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP5526

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
LP5526TL NSC-LP5526TL Datasheet
1Mb / 33P
Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
Texas Instruments
LP5526TL/NOPB TI1-LP5526TL/NOPB Datasheet
1Mb / 41P
Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
logo
National Semiconductor ...
LP5526TLX NSC-LP5526TLX Datasheet
1Mb / 33P
Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
Texas Instruments
LP5526 TI1-LP5526_15 Datasheet
1Mb / 41P
Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
More results

Similar Description - LP5526

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
LP3958 NSC-LP3958 Datasheet
1Mb / 28P
Lighting Management Unit with High Voltage Boost Converter
logo
Unisonic Technologies
L5030 UTC-L5030 Datasheet
146Kb / 7P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
logo
Advanced Analogic Techn...
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Advanced Analog Technol...
AAT2861IMK-1-T1 AAT-AAT2861IMK-1-T1 Datasheet
3Mb / 27P
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
2009.02.1.2
logo
Unisonic Technologies
L5030 UTC-L5030_11 Datasheet
198Kb / 6P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
L5030 UTC-L5030_15 Datasheet
187Kb / 6P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
logo
Texas Instruments
LM8502 TI1-LM8502_13 Datasheet
1Mb / 72P
Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver
LP3958 TI1-LP3958 Datasheet
1Mb / 36P
Lighting Management Unit with High Voltage Boost Converter
LP5526 TI1-LP5526_15 Datasheet
1Mb / 41P
Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com