Electronic Components Datasheet Search
  English  ▼

X  

LP5526 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP5526
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5526 Datasheet HTML 7Page - Texas Instruments LP5526 Datasheet HTML 8Page - Texas Instruments LP5526 Datasheet HTML 9Page - Texas Instruments LP5526 Datasheet HTML 10Page - Texas Instruments LP5526 Datasheet HTML 11Page - Texas Instruments LP5526 Datasheet HTML 12Page - Texas Instruments LP5526 Datasheet HTML 13Page - Texas Instruments LP5526 Datasheet HTML 14Page - Texas Instruments LP5526 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
VOUT TARGET VALUE = 20V
ILOAD = 150 mA
VOUT = 8 V
VOUT = 20 V
L = TDK SLF6028T-100M1R3
VIN = 3.2 V
120 mA
50 mA
ILOAD = 150 mA
L = TDK SLF6028T-100M1R3
LP5526
www.ti.com
SNVS431C – FEBRUARY 2006 – REVISED JULY 2009
Boost Converter Typical Performance Characteristics
Vin = 3.6V, Vout = 20.0V if not otherwise stated
Boost Converter Efficiency
Boost Typical Waveforms at 150mA Load
Battery Current
Boost Output Voltage
vs
vs.
Voltage
Current
Boost Line Regulation 3.0V - 3.6V, no load
Boost Turn On Time with No Load
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com