Electronic Components Datasheet Search
  English  ▼

X  

ADS42JB49 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42JB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42JB49 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS42JB49 Datasheet HTML 30Page - Texas Instruments ADS42JB49 Datasheet HTML 31Page - Texas Instruments ADS42JB49 Datasheet HTML 32Page - Texas Instruments ADS42JB49 Datasheet HTML 33Page - Texas Instruments ADS42JB49 Datasheet HTML 34Page - Texas Instruments ADS42JB49 Datasheet HTML 35Page - Texas Instruments ADS42JB49 Datasheet HTML 36Page - Texas Instruments ADS42JB49 Datasheet HTML 37Page - Texas Instruments ADS42JB49 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
PowerSupply
AVDD,DRVDD
RESET
SEN
t
1
t
2
t
3
ADS42JB49
ADS42JB69
SLAS900E – OCTOBER 2012 – REVISED AUGUST 2013
www.ti.com
DEVICE CONFIGURATION
The ADS42JB49 and ADS42JB69 can be configured using a serial programming interface, as described in the
Serial Interface section. In addition, the device has four dedicated parallel pins (PDN_GBL, STBY, CTRL1, and
CTRL2) for controlling the power-down modes.
SERIAL INTERFACE
The ADC has a set of internal registers that can be accessed by the serial interface formed by the SEN (serial
interface enable), SCLK (serial interface clock), SDATA (serial interface data), and SDOUT (serial interface data
output) pins. Serially shifting bits into the device is enabled when SEN is low. SDATA serial data are latched at
every SCLK rising edge when SEN is active (low). The serial data are loaded into the register at every 16th
SCLK rising edge when SEN is low. When the word length exceeds a multiple of 16 bits, the excess bits are
ignored. Data can be loaded in multiples of 16-bit words within a single active SEN pulse. The interface functions
with SCLK frequencies from 20 MHz down to very low speeds (of a few hertz) and also with non-50% SCLK duty
cycle.
Register Initialization
After power-up, the internal registers must be initialized to their default values through a hardware reset by
applying a high pulse on the RESET pin (of widths greater than 10 ns), as shown in Figure 78. Later during
operation, if required serial interface registers can be cleared by:
1. Either through a hardware reset or
2. By applying a software reset. When using the serial interface, set the RESET bit (D0 in register address 08h)
high. This setting initializes the internal registers to the default values and then self-resets the RESET bit low.
In this case, the RESET pin is kept low.
NOTE: After power-up, the internal registers must be initialized to their default values through a hardware reset by applying a high pulse on
the RESET pin.
Figure 78. Reset Timing Diagram
Table 3. Reset Timing (1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Delay from AVDD and DRVDD power-up to active RESET
1
ms
t1
Power-on delay
pulse
10
ns
t2
Reset pulse width
Active RESET signal pulse width
1
µs
t3
Register write delay
Delay from RESET disable to SEN active
100
ns
(1)
Typical values at +25°C; minimum and maximum values across the full temperature range: TMIN = –40°C to TMAX = +85°C, unless
otherwise noted.
34
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com