Electronic Components Datasheet Search
  English  ▼

X  

ADS42JB49 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42JB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42JB49 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS42JB49 Datasheet HTML 35Page - Texas Instruments ADS42JB49 Datasheet HTML 36Page - Texas Instruments ADS42JB49 Datasheet HTML 37Page - Texas Instruments ADS42JB49 Datasheet HTML 38Page - Texas Instruments ADS42JB49 Datasheet HTML 39Page - Texas Instruments ADS42JB49 Datasheet HTML 40Page - Texas Instruments ADS42JB49 Datasheet HTML 41Page - Texas Instruments ADS42JB49 Datasheet HTML 42Page - Texas Instruments ADS42JB49 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
ADS42JB49
ADS42JB69
www.ti.com
SLAS900E – OCTOBER 2012 – REVISED AUGUST 2013
DESCRIPTION OF SERIAL INTERFACE REGISTERS
REGISTER
REGISTER DATA
ADDRESS
A[7:0] (Hex)
D7
D6
D5
D4
D3
D2
D1
D0
6
0
0
0
0
0
0
CLK DIV
Default: 00h
D[1:0]
CLK DIV
Internal clock divider for input sample clock
00
Divide-by-1 (clock divider bypassed)
01
Divide-by-2
10
Divide-by-1
11
Divide-by-4
REGISTER
REGISTER DATA
ADDRESS
A[7:0] (Hex)
D7
D6
D5
D4
D3
D2
D1
D0
7
0
0
0
0
0
0
SYSREF DELAY
Default: 00h
Controls the delay of the SYSREF input with respect to the input clock. Typical
D[2:0]
SYSREF DELAY
values for the expected delay of different settings are:
000
0-ps delay
001
60-ps delay
010
120-ps delay
011
180-ps delay
100
240-ps delay
101
300-ps delay
110
360-ps delay
111
420-ps delay
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com