Electronic Components Datasheet Search
  English  ▼

X  

ADS42JB49 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42JB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42JB49 Datasheet(HTML) 52 Page - Texas Instruments

Back Button ADS42JB49 Datasheet HTML 48Page - Texas Instruments ADS42JB49 Datasheet HTML 49Page - Texas Instruments ADS42JB49 Datasheet HTML 50Page - Texas Instruments ADS42JB49 Datasheet HTML 51Page - Texas Instruments ADS42JB49 Datasheet HTML 52Page - Texas Instruments ADS42JB49 Datasheet HTML 53Page - Texas Instruments ADS42JB49 Datasheet HTML 54Page - Texas Instruments ADS42JB49 Datasheet HTML 55Page - Texas Instruments ADS42JB49 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
CLKP
1.4 V
5 kW
5 kW
20 W
L
2 nH
PKG
C
1 pF
BOND
R
100 W
ESR
CLKM
Clock Buffer
C
EQ
20 W
L
2 nH
PKG
C
1 pF
BOND
R
100 W
ESR
C
EQ
CLKP
CLKM
0.1 F
m
Z
o
Device
100 W
0.1 F
m
Z
o
TypicalLVPECL
ClockInput
150 W
150 W
CLKP
CLKM
0.1 F
m
100 W
Z
o
Device
0.1 F
m
Z
o
TypicalLVDS
ClockInput
CLKP
CLKM
0.1 F
m
R
T
Device
0.1 F
m
Differential
Sine-Wave
ClockInput
ADS42JB49
ADS42JB69
SLAS900E – OCTOBER 2012 – REVISED AUGUST 2013
www.ti.com
CLOCK INPUT
The device clock inputs can be driven differentially (sine, LVPECL, or LVDS) or single-ended (LVCMOS), with
little or no difference in performance between them. The common-mode voltage of the clock inputs is set to 1.4 V
using internal 5-k
Ω resistors. The self-bias clock inputs of the ADS42JB69 and ADS42JB49 can be driven by the
transformer-coupled, sine-wave clock source or by the ac-coupled, LVPECL and LVDS clock sources, as shown
in Figure 87, Figure 88, and Figure 89. See Figure 90 for details regarding the internal clock buffer.
NOTE: RT = termination resistor, if necessary.
Figure 87. Differential Sine-Wave Clock Driving
Figure 88. LVDS Clock Driving Circuit
Circuit
Figure 89. LVPECL Clock Driving Circuit
NOTE: CEQ is 1 pF to 3 pF and is the equivalent input capacitance of the clock buffer.
Figure 90. Internal Clock Buffer
52
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com