Electronic Components Datasheet Search
  English  ▼

X  

ADS42JB49 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42JB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42JB49 Datasheet(HTML) 63 Page - Texas Instruments

Back Button ADS42JB49 Datasheet HTML 59Page - Texas Instruments ADS42JB49 Datasheet HTML 60Page - Texas Instruments ADS42JB49 Datasheet HTML 61Page - Texas Instruments ADS42JB49 Datasheet HTML 62Page - Texas Instruments ADS42JB49 Datasheet HTML 63Page - Texas Instruments ADS42JB49 Datasheet HTML 64Page - Texas Instruments ADS42JB49 Datasheet HTML 65Page - Texas Instruments ADS42JB49 Datasheet HTML 66Page - Texas Instruments ADS42JB49 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
(ExpressedindBc)
DVCM
DVOUT
10
CMRR=20Log
(ExpressedindBc)
DVSUP
DVOUT
10
PSRR=20Log
10
S
N
P
THD = 10Log
P
SINAD
1.76
ENOB =
6.02
-
ADS42JB49
ADS42JB69
www.ti.com
SLAS900E – OCTOBER 2012 – REVISED AUGUST 2013
Effective Number of Bits (ENOB): ENOB is a measure of the converter performance as compared to the
theoretical limit based on quantization noise.
(6)
Total Harmonic Distortion (THD): THD is the ratio of the power of the fundamental (PS) to the power of the first
nine harmonics (PD).
(7)
THD is typically given in units of dBc (dB to carrier).
Spurious-Free Dynamic Range (SFDR): The ratio of the power of the fundamental to the highest other spectral
component (either spur or harmonic). SFDR is typically given in units of dBc (dB to carrier).
Two-Tone Intermodulation Distortion (IMD3): IMD3 is the ratio of the power of the fundamental (at frequencies
f1 and f2) to the power of the worst spectral component at either frequency 2f1 – f2 or 2f2 – f1. IMD3 is either given
in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the reference, or dBFS (dB
to full-scale) when the power of the fundamental is extrapolated to the converter full-scale range.
DC Power-Supply Rejection Ratio (DC PSRR): DC PSSR is the ratio of the change in offset error to a change
in analog supply voltage. The dc PSRR is typically given in units of mV/V.
AC Power-Supply Rejection Ratio (AC PSRR): AC PSRR is the measure of rejection of variations in the supply
voltage by the ADC. If
ΔVSUP is the change in supply voltage and ΔVOUT is the resultant change of the ADC
output code (referred to the input), then:
(8)
Voltage Overload Recovery: The number of clock cycles taken to recover to less than 1% error after an
overload on the analog inputs. This is tested by separately applying a sine wave signal with 6 dB positive and
negative overload. The deviation of the first few samples after the overload (from the expected values) is noted.
Common-Mode Rejection Ratio (CMRR): CMRR is the measure of rejection of variation in the analog input
common-mode by the ADC. If
ΔVCM_IN is the change in the common-mode voltage of the input pins and ΔVOUT is
the resulting change of the ADC output code (referred to the input), then:
(9)
Crosstalk (only for multichannel ADCs): Crosstalk is a measure of the internal coupling of a signal from an
adjacent channel into the channel of interest. Crosstalk is specified separately for coupling from the immediate
neighboring channel (near-channel) and for coupling from channel across the package (far-channel). Crosstalk is
usually measured by applying a full-scale signal in the adjacent channel. Crosstalk is the ratio of the power of the
coupling signal (as measured at the output of the channel of interest) to the power of the signal applied at the
adjacent channel input. Crosstalk is typically expressed in dBc.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com