Electronic Components Datasheet Search
  English  ▼

X  

ADS42JB49 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42JB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42JB49 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS42JB49 Datasheet HTML 45Page - Texas Instruments ADS42JB49 Datasheet HTML 46Page - Texas Instruments ADS42JB49 Datasheet HTML 47Page - Texas Instruments ADS42JB49 Datasheet HTML 48Page - Texas Instruments ADS42JB49 Datasheet HTML 49Page - Texas Instruments ADS42JB49 Datasheet HTML 50Page - Texas Instruments ADS42JB49 Datasheet HTML 51Page - Texas Instruments ADS42JB49 Datasheet HTML 52Page - Texas Instruments ADS42JB49 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
INxP
(1)
INxM
RIN
ZIN
(2)
CIN
ADS42JB49
ADS42JB69
www.ti.com
SLAS900E – OCTOBER 2012 – REVISED AUGUST 2013
APPLICATION INFORMATION
THEORY OF OPERATION
The ADS42JB69 and ADS42JB49 is a family of high linearity, buffered analog input, dual-channel ADCs with
maximum sampling rates up to 250 MSPS employing JESD204B interface. The conversion process is initiated by
a rising edge of the external input clock and the analog input signal is sampled. The sampled signal is
sequentially converted by a series of small resolution stages, with the outputs combined in a digital correction
logic block. At every clock edge the sample propagates through the pipeline, resulting in a data latency of 23
clock cycles. The output is available in CML logic levels following JESD204B standard.
ANALOG INPUT
The analog input pins have analog buffers (running from the AVDD3V supply) that internally drive the differential
sampling circuit. As a result of the analog buffer, the input pins present high input impedance to the external
driving source (10-k
Ω dc resistance and 4-pF input capacitance). The buffer helps isolate the external driving
source from the switching currents of the sampling circuit. This buffering makes driving the buffered inputs easier
than when compared to an ADC without the buffer.
The input common-mode is set internally using a 5-k
Ω resistor from each input pin to VCM so the input signal
can be ac-coupled to the pins. Each input pin (INP, INM) must swing symmetrically between VCM + 0.5 V and
VCM – 0.5 V, resulting in a 2-V PP differential input swing. When programmed for 2.5-V PP full-scale, each input
pin must swing symmetrically between VCM + 0.625 V and VCM – 0.625 V.
The input sampling circuit has a high 3-dB bandwidth that extends up to 900 MHz (measured with a 50-
Ω source
driving a 50-
Ω termination between INP and INM). The dynamic offset of the first-stage sub-ADC limits the
maximum analog input frequency to approximately 250 MHz (with a 2.5-VPP full-scale amplitude) and to
approximately 400 MHz (with a 2-VPP full-scale amplitude). This 3-dB bandwidth is different than the analog
bandwidth of 900 MHz, which is only an indicator of signal amplitude versus frequency.
Drive Circuit Requirements
For optimum performance, the analog inputs must be driven differentially. This technique improves the common-
mode noise immunity and even-order harmonic rejection. A small resistor (5
Ω to 10 Ω) in series with each input
pin is recommended to damp out ringing caused by package parasitics.
Figure 82, Figure 83, and Figure 84 show the differential impedance (ZIN = RIN || CIN) at the ADC input pins. The
presence of the analog input buffer results in an almost constant input capacitance up to 1 GHz.
(1) X = A or B.
(2) ZIN = RIN || (1 / jωCIN).
Figure 82. ADC Equivalent Input Impedance
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com