Electronic Components Datasheet Search
  English  ▼

X  

MAX44205 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX44205
Description  Fully Differential Op Amp/SAR ADC Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44205 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX44205 Datasheet HTML 1Page - Maxim Integrated Products MAX44205 Datasheet HTML 2Page - Maxim Integrated Products MAX44205 Datasheet HTML 3Page - Maxim Integrated Products MAX44205 Datasheet HTML 4Page - Maxim Integrated Products MAX44205 Datasheet HTML 5Page - Maxim Integrated Products MAX44205 Datasheet HTML 6Page - Maxim Integrated Products MAX44205 Datasheet HTML 7Page - Maxim Integrated Products MAX44205 Datasheet HTML 8Page - Maxim Integrated Products MAX44205 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
General Description
The MAX44205 is a low-noise, low-distortion fully differ-
ential operational amplifier suitable for driving high-speed,
high-resolution, 20-/18-/16-bit SAR ADCs, including the
MAX11905 ADC family. Featuring a combination of wide
2.7V to 13.2V supply voltage range and wide 400MHz
bandwidth, the MAX44205 is suitable for low-power, high-
performance data acquisition systems.
The MAX44205 offers a VOCM input to adjust the out-
put common-mode voltage, eliminating the need for a
coupling transformer or AC-coupling capacitors. This
adjustable output common-mode voltage allows the
MAX44205 to match the input common-mode voltage
range of the ADC following it. A proprietary output voltage
clamping solution ensures that the buffer output does not
violate the ADC’s maximum input voltage range, even if
the MAX44205’s supply rails are higher than the ADC’s
full-scale range. Shutdown mode consumes only 6.8µA
and extends battery life in battery-powered applications
or reduces average power in systems cycling between
shutdown and periodic data readings.
The MAX44205 is available in 12-pin, 3mm x 3mm, TQFN
and 10-pin μMAX® packages and is specified for opera-
tion over the -40°C to +125°C temperature range.
Features and Benefits
● Low Input Noise to Drive Precision SAR ADCs
• 3.1nV/√Hz at 1kHz
• 200nVP-P from 0.1Hz to 10Hz
● High Speed for DC and AC Applications
• Gain-Bandwidth Product 400MHz
• -3dB Gain-Bandwidth Product 180MHz
• Slew Rate 180V/µs
● Ultra-Low Distortion Drives AC Inputs to 20-Bit SAR
ADCs
• THD = -130dBc at 10kHz, VOUT,DIFF = 2VP-P
• THD = -84dBc at 1MHz, VOUT,DIFF = 2VP-P
● Wide Supply Range (2.7V to 13.2V) Drives Unipolar
or Bipolar (±6.6V) Signals
● 3.7mA Quiescent Supply Current with Only 6.8µA
Shutdown Current
● Input Pins for Output(s) Voltage Clamping Avoids
ADC Saturation
● 12-Pin, 3mm x 3mm TQFN and 10-Pin μMAX
Packages Save Board Space
Applications
● Single-Ended to Differential Conversion
● High-Speed Process Control
● Medical Imaging
● Fully-Differential Signal Conditioning
● Active Filters
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part, refer
to
www.maximintegrated.com/MAX44205.related.
19-6951; Rev 0; 6/14
Typical Application Circuit
VS+
VCLPH
VCLPL
VS-
OUT+
OUT-
10Ω 0.1%
10Ω 0.1%
2.2nF
COG
+5V
-5V
MAX44205
VOCM
MAX11905
MAX6126
OUT
VREFIN AVDD
GND
GND
IN
3V
3.3V
3.2V TO 12.6V
AIN+
AIN-
10µF
1.5V
0.1µF
4.7nF
C0G
-
+
+
-
VCM
VSIG
VSIG
1kΩ
0.1%
1kΩ
0.1%
1kΩ
0.1%
4.7nF
C0G
1kΩ
0.1%
4.7nF
C0G
4.7nF
C0G
1kΩ
0.1%
1kΩ
0.1%
2.2µF
X7R
REFVDD
ADC INPUT FILTER
3.3V
MAX44205 DRIVING MAX11905
(fSAMPLE = 1Msps, fIN = 10kHz,
65,536-Point FFT)
Dual ±5V Supplies
VOUTDIFF = 6VP-P
THD = -112.9dBc
SFDR = 114.7dBc
SNR = 97.5dB
SINAD = 97.3dB
0
100
50
150
200
250
300
350
400
450
500
FREQUENCY (kHz)
-10.0
0.0
-20.0
-30.0
-40.0
-50.0
-60.0
-70.0
-80.0
-90.0
-100.0
-110.0
-120.0
-130.0
-140.0
µMAX is a registered trademark of Maxim Integrated Products, Inc.
MAX44205
180MHz, Low-Noise, Low-Distortion,
Fully Differential Op Amp/SAR ADC Driver


Similar Part No. - MAX44205

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44205EVKIT MAXIM-MAX44205EVKIT Datasheet
650Kb / 6P
MAX44205 Evaluation Kit
Rev 0; 9/14
More results

Similar Description - MAX44205

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6236 LINER-LT6236 Datasheet
571Kb / 24P
Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
logo
Maxim Integrated Produc...
MAX11902 MAXIM-MAX11902 Datasheet
914Kb / 29P
Fully Differential SAR ADC
Rev 0; 9/14
logo
Linear Technology
LT6236 LINER-LT6236_15 Datasheet
1Mb / 26P
Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6237 LINER-LT6237_15 Datasheet
1Mb / 26P
Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
logo
Maxim Integrated Produc...
MAX44206 MAXIM-MAX44206 Datasheet
1Mb / 29P
180MHz, Low-Noise, Low-Distortion, Fully Differential Op Amp/ADC Driver
19-7446; Rev 0; 11/14
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11902 MAXIM-MAX11902_V01 Datasheet
956Kb / 29P
18-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
MAX11904 MAXIM-MAX11904 Datasheet
825Kb / 29P
20-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com