Electronic Components Datasheet Search
  English  ▼

X  

MAX44205 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX44205
Description  Fully Differential Op Amp/SAR ADC Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44205 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX44205 Datasheet HTML 9Page - Maxim Integrated Products MAX44205 Datasheet HTML 10Page - Maxim Integrated Products MAX44205 Datasheet HTML 11Page - Maxim Integrated Products MAX44205 Datasheet HTML 12Page - Maxim Integrated Products MAX44205 Datasheet HTML 13Page - Maxim Integrated Products MAX44205 Datasheet HTML 14Page - Maxim Integrated Products MAX44205 Datasheet HTML 15Page - Maxim Integrated Products MAX44205 Datasheet HTML 16Page - Maxim Integrated Products MAX44205 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
(VS+ = +5V, VS- = -5V, VCLPH = VS+, VCLPL = VS-, VOCM = 0V, SHDN = High, GND/EP = 0V, RF = RG = 1kΩ, RL = 1kΩ (between OUT+
and OUT-), TA = -40°C to +125°C, unless otherwise noted.)
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
0.01
1
100
10000
1000000
FREQUENCY (kHz)
LARGE-SIGNAL GAIN vs. FREQUENCY
CF=10pF
VOUTDIFF = 2VP-P
CF = NO CAP, 10pF
CF is Feedback Capacitor
CF = NO LOAD
toc33
-30
-25
-20
-15
-10
-5
0
5
0.01
1
100
10000
1000000
FREQUENCY (kHz)
LARGE-SIGNAL GAIN vs. FREQUENCY
toc34
VOUTDIFF = 2VP-P
CLOAD = 0pF, 10pF
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.01
1
100
10000
1000000
FREQUENCY (kHz)
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
toc35
VOUTDIFF = 0.5VP-P
VOUTDIFF = 2VP-P
VOUTDIFF = 1VP-P
-60
-50
-40
-30
-20
-10
0
10
0.01
1
100
10000
1000000
FREQUENCY (kHz)
VOCM RESPONSE vs. FREQUENCY
toc36
BLACK TRACE:
VOCMIN = 100mVP-P
VS+ = +5V
VS- = -5V
RED TRACE:
VOCMIN = 10mVP-P
-70
-60
-50
-40
-30
-20
-10
0
0.01
1
100
10000
1000000
FREQUENCY (kHz)
OUTPUT BALANCE ERROR vs. FREQUENCY
toc37
VIN = 1VP-P
VS+ = +2.5V
VS- = -2.5V
VS+ = +5V
VS- = -5V
-140
-120
-100
-80
-60
-40
-20
0
0.01
1
100
10000
1000000
FREQUENCY (kHz)
INPUT AC CMRR vs. FREQUENCY
toc38
VIN = 1VP-P
RF = 1kΩ , RG = 10Ω
BLACK
TRACE
VS+ = +2.5V
VS- = -2.5V
RED TRACE
VS+ = +5V
VS- = -5V
-70
-60
-50
-40
-30
-20
-10
0
10
20
0.01
1
100
10000
1000000
FREQUENCY (kHz)
VOCM OUTPUT AC CMRR
vs. FREQUENCY
toc39
VIN = 1VP-P
BLACK
TRACE
VS+ = +2.5V
VS- = -2.5V
RED
TRACE
VS+ = +5V
VS- = -5V
RF = RG = 1kΩ MATCHED 0.1% RESISTORS
-130
-110
-90
-70
-50
-30
-10
0.01
1
100
10000
FREQUENCY (kHz)
PSRR+ vs. FREQUENCY
toc40
VS+ = +5V
VS- = -5V
PSRR-
PSRR+
0
20
40
60
80
100
120
140
160
180
200
-10
0
10
20
30
40
50
60
0.01
1
100
10000
1000000
FREQUENCY (kHz)
UNITY-GAIN BANDWIDTH AND PHASE
vs. FREQUENCY
toc41
RF = 1kΩ , RG = 10Ω
GAIN
PHASE
CROSSOVER POINT:
GAIN = 0
FREQUENCY = 400MHz
PHASE = 87°(rad)
Maxim Integrated │ 13
www.maximintegrated.com
MAX44205
180MHz, Low-Noise, Low-Distortion,
Fully Differential Op Amp/SAR ADC Driver
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com