Electronic Components Datasheet Search
  English  ▼

X  

MAX44205 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX44205
Description  Fully Differential Op Amp/SAR ADC Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44205 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX44205 Datasheet HTML 10Page - Maxim Integrated Products MAX44205 Datasheet HTML 11Page - Maxim Integrated Products MAX44205 Datasheet HTML 12Page - Maxim Integrated Products MAX44205 Datasheet HTML 13Page - Maxim Integrated Products MAX44205 Datasheet HTML 14Page - Maxim Integrated Products MAX44205 Datasheet HTML 15Page - Maxim Integrated Products MAX44205 Datasheet HTML 16Page - Maxim Integrated Products MAX44205 Datasheet HTML 17Page - Maxim Integrated Products MAX44205 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
(VS+ = +5V, VS- = -5V, VCLPH = VS+, VCLPL = VS-, VOCM = 0V, SHDN = High, GND/EP = 0V, RF = RG = 1kΩ, RL = 1kΩ (between OUT+
and OUT-), TA = -40°C to +125°C, unless otherwise noted.)
-60
-50
-40
-30
-20
-10
0
10
0.01
1
100
10000
1000000
FREQUENCY (kHz)
VOCM RESPONSE vs. FREQUENCY
toc36
BLACK TRACE:
VOCMIN = 100mVP-P
VS+ = +5V
VS- = -5V
RED TRACE:
VOCMIN = 10mVP-P
-70
-60
-50
-40
-30
-20
-10
0
0.01
1
100
10000
1000000
FREQUENCY (kHz)
OUTPUT BALANCE ERROR vs. FREQUENCY
toc37
VIN = 1VP-P
VS+ = +2.5V
VS- = -2.5V
VS+ = +5V
VS- = -5V
0
20
40
60
80
100
120
140
160
180
200
-10
0
10
20
30
40
50
60
0.01
1
100
10000
1000000
FREQUENCY (kHz)
UNITY-GAIN BANDWIDTH AND PHASE
vs. FREQUENCY
toc41
RF = 1kΩ , RG = 10Ω
GAIN
PHASE
CROSSOVER POINT:
GAIN = 0
FREQUENCY = 400MHz
PHASE = 87°(rad)
-150
-140
-130
-120
-110
-100
-90
-80
1
3
5
7
OUTPUT AMPLITUDE (V)
HD2 AND HD3 vs. OUTPUT AMPLITUDE
VS+= +5V,
VS- = -5V
HD3 AT 10kHz
HD2 AT
10kHz
toc45
-160
-140
-120
-100
-80
-60
-40
-20
0
10
100
1000
FREQUENCY (kHz)
HD2 AND HD3 vs. FREQUENCY
toc47
VS+= +5V,
VS- = -5V
HD3
HD2
VOUTDIFF = 6.6VP-P
-160
-150
-140
-130
-120
-110
-100
-90
-80
0
5000
10000
15000
FREQUENCY (Hz)
HD2 vs. FREQUENCY
VS+= +5V,
VS- = -5V
toc48
INPUT = 2VP-P
INPUT = 4VP-P
INPUT = 6.6VP-P
-160
-150
-140
-130
-120
-110
-100
-90
-80
0
5000
10000
15000
FREQUENCY (Hz)
HD3 vs. FREQUENCY
VS+= +5V,
VS- = -5V
INPUT = 2VP-P
toc49
INPUT = 4VP-P
INPUT = 6.6VP-P
-160
-140
-120
-100
-80
-60
-40
-20
0
10
100
1000
FREQUENCY (kHz)
HD2 AND HD3 vs. FREQUENCY
HD2
toc46
VS+= +5V,
VS- = -5V
HD3
VOUTDIFF = 2VP-P
Maxim Integrated │ 14
www.maximintegrated.com
MAX44205
180MHz, Low-Noise, Low-Distortion,
Fully Differential Op Amp/SAR ADC Driver
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
100
1000
FREQUENCY (kHz)
HD2 AND HD3 vs. FREQUENCY
HD2
toc44
VS+= +5V,
VS- = -5V
HD3
INPUT = 4VP-P
1
10
100
0.1
1
10
100
1000 10000 100000
FREQUENCY (Hz)
INPUT CURRENT-NOISE SPECTRAL DENSITY
vs. FREQUENCY
toc43
1
10
100
0.1
1
10
100
1000 10000 100000
FREQUENCY (Hz)
INPUT VOLTAGE-NOISE DENSITY
vs. FREQUENCY
toc42
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com