Electronic Components Datasheet Search
  English  ▼

X  

MAX44205 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX44205
Description  Fully Differential Op Amp/SAR ADC Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44205 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX44205 Datasheet HTML 7Page - Maxim Integrated Products MAX44205 Datasheet HTML 8Page - Maxim Integrated Products MAX44205 Datasheet HTML 9Page - Maxim Integrated Products MAX44205 Datasheet HTML 10Page - Maxim Integrated Products MAX44205 Datasheet HTML 11Page - Maxim Integrated Products MAX44205 Datasheet HTML 12Page - Maxim Integrated Products MAX44205 Datasheet HTML 13Page - Maxim Integrated Products MAX44205 Datasheet HTML 14Page - Maxim Integrated Products MAX44205 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
(VS+ = +5V, VS- = -5V, VCLPH = VS+, VCLPL = VS-, VOCM = 0V, SHDN = High, GND/EP = 0V, RF = RG = 1kΩ, RL = 1kΩ (between OUT+
and OUT-), TA = -40°C to +125°C, unless otherwise noted.)
-60
-50
-40
-30
-20
-10
0
10
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
VCLPH INPUT CURRENT vs. TEMPERATURE
toc22a
Vs+ = +5V
Vs- = -5V
VCLPH = 5V
VCLPH = 3.6V
VCLPH = 3.3V
VCLPH = 3V
0.4
0.405
0.41
0.415
0.42
0.425
0.43
0.435
0.44
-0.4
-0.2
0
0.2
0.4
VCLPL INPUT VOLTAGE (V)
OUT+ AND OUT- POSITIVE CLAMPING VOLTAGE
ERROR vs. VCLPL INPUT VOLTAGE
toc21a
Vs+ = +5V
Vs- = -5V
VOUT+
VOUT-
TA = +25˚C
0
50
100
150
200
250
300
350
-50 -25
0
25
50
75 100 125 150
SHDN INPUT VOLTAGE (V)
SHDN INPUT CURRENT
vs. SHDN INPUT VOLTAGE
toc23b
VSHDN = 2V
0.42
0.425
0.43
0.435
0.44
0.445
0.45
0.455
0.46
-0.4
-0.2
0
0.2
0.4
VCLPL INPUT VOLTAGE (V)
OUT+ AND OUT- POSITIVE CLAMPING VOLTAGE
ERROR vs. VCLPL INPUT VOLTAGE
toc21b
Vs+ = +5V
Vs- = -5V
VOUT+
VOUT-
TA = -40˚C
0.9
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
SHDN INPUT THRESHOLD VOLTAGE
vs. TEMPERATURE
toc24a
VSHDNTH+
VSHDNTH-
Vs+ = +5V
Vs- = -5V
0.39
0.395
0.4
0.405
0.41
0.415
0.42
-0.4
-0.2
0
0.2
0.4
VCLPL INPUT VOLTAGE (V)
OUT+ AND OUT- POSITIVE CLAMPING VOLTAGE
ERROR vs. VCLPL INPUT VOLTAGE
toc21c
Vs+ = +5V
Vs- = -5V
VOUT+
VOUT-
TA = +125˚C
0.9
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
SHDN INPUT THRESHOLD VOLTAGE
vs. TEMPERATURE
toc24b
VSHDNTH+
VSHDNTH-
Vs+ = +2.5V
Vs- = -2.5V
-70
-60
-50
-40
-30
-20
-10
0
10
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
VCLPH INPUT CURRENT vs. TEMPERATURE
toc22b
Vs+ = +2.5V
Vs- = -2.5V
VCLP+ = 3.3V
VCLP+ = 3.3V
VCLPH = 3V
VCLPH = 5V
VCLPH = 3.6V
VCLPH = 3.3V
-300
-250
-200
-150
-100
-50
0
-50 -25
0
25
50
75 100 125 150
SHDN INPUT VOLTAGE (V)
SHDN INPUT CURRENT
vs. SHDN VOLTAGE vs. TEMPERATURE
toc23a
VSHDN = 0V
Maxim Integrated │ 11
www.maximintegrated.com
MAX44205
180MHz, Low-Noise, Low-Distortion,
Fully Differential Op Amp/SAR ADC Driver
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com