Electronic Components Datasheet Search
  English  ▼

X  

MAX44205 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX44205
Description  Fully Differential Op Amp/SAR ADC Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44205 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX44205 Datasheet HTML 1Page - Maxim Integrated Products MAX44205 Datasheet HTML 2Page - Maxim Integrated Products MAX44205 Datasheet HTML 3Page - Maxim Integrated Products MAX44205 Datasheet HTML 4Page - Maxim Integrated Products MAX44205 Datasheet HTML 5Page - Maxim Integrated Products MAX44205 Datasheet HTML 6Page - Maxim Integrated Products MAX44205 Datasheet HTML 7Page - Maxim Integrated Products MAX44205 Datasheet HTML 8Page - Maxim Integrated Products MAX44205 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
VS+ to VS-..............................................................-0.3V to +15V
All Other Pins.................................. (VS-) - 0.3V to (VS+) + 0.3V
IN+ to IN-..............................................................-0.3V to +0.3V
Continuous Input Current into Any Pin (Note 1)...............±20mA
Output Short-Circuit Duration (Note 1).................................. 10s
Continuous Power Dissipation (TA = +70°C)
TQFN (derate 14.7mW/°C above +70°C)...............1176.5mW
µMAX (derate 10.3mW/°C above +70°C) ................824.7mW
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature ……………………………………...+150°C
Storage Temperature Range…………………….-65°C to +150°C
Lead Temperature (soldering, 10s)…………………………+300°C
Soldering Temperature (reflow)……………………………+260°C
TQFN
Junction-to-Ambient Thermal Resistance (θJA) ..........68°C/W
Junction-to-Case Thermal Resistance (θJC)...............11°C/W
μMAX
Junction-to-Ambient Thermal Resistance (θJA) ..........97°C/W
Junction-to-Case Thermal Resistance (θJC).................5°C/W
(Note 1)
Electrical Characteristics (±5V Supply)
(VS+ = +5V, VS- = -5V, VCLPH = VS+, VCLPL = VS-, VOCM = 0V, SHDN = VS+, GND/EP = 0V (Note 2), RF = RG = 1kΩ, RL = 1kΩ
(between OUT+ and OUT-), TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage Range
VS
VS+ to VS-, guaranteed by PSRR
(GND = VS-)
2.7
13.2
V
Quiescent Current
IS
No load, RL = ∞
3.7
6.8
mA
SHDN = GND
6.8
20
µA
Power-Supply Rejection Ratio
PSRR
VS+ to VS- = 2.7V to 13.2V
(GND = VS-)
90
123
dB
DIFFERENTIAL PERFORMANCE—DC SPECIFICATIONS
Input Common-Mode Range
VICM
Guaranteed by CMRR
(VS-) + 1.1
(VS+) - 1.1
V
Input Common-Mode
Rejection Ratio
CMRR
VICM = (VS-) + 1.1V to (VS+) - 1.1V
94
130
dB
Input Offset Voltage
VOS
±0.2
±1.5
mV
Input Offset Voltage Drift
TCVOS
0.2
µV/°C
Input Bias Current
IB
30
750
nA
Input Offset Current
IOS
±15
±350
nA
Open-Loop Gain
AVOL
VOUT,DIFF = 6.6VP-P , TA = +25°C
96
130
dB
Output Short-Circuit Current
ISC
60
mA
Output Voltage Swing
VS+ - VOUT Applies to VOUT+, VOUT
0.98
1.15
V
VOUT - VS- Applies to VOUT+, VOUT-
0.92
1.10
MAX44205
180MHz, Low-Noise, Low-Distortion,
Fully Differential Op Amp/SAR ADC Driver
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com