Electronic Components Datasheet Search
  English  ▼

X  

MAX44205 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX44205
Description  Fully Differential Op Amp/SAR ADC Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44205 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX44205 Datasheet HTML 1Page - Maxim Integrated Products MAX44205 Datasheet HTML 2Page - Maxim Integrated Products MAX44205 Datasheet HTML 3Page - Maxim Integrated Products MAX44205 Datasheet HTML 4Page - Maxim Integrated Products MAX44205 Datasheet HTML 5Page - Maxim Integrated Products MAX44205 Datasheet HTML 6Page - Maxim Integrated Products MAX44205 Datasheet HTML 7Page - Maxim Integrated Products MAX44205 Datasheet HTML 8Page - Maxim Integrated Products MAX44205 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Electrical Characteristics (+5V Supply) (continued)
(VS+ = +5V, VS- = 0V, VCLPH = VS+, VCLPL = VS-, VOCM = 2.5V, SHDN = High, GND/EP = 0V (Note 2), RF = RG = 1kΩ, RL = 1kΩ
(between OUT+ and OUT-), TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Bias Current
IB
30
750
nA
Input Offset Current
IOS
±15
±350
nA
Open-Loop Gain
AVOL
VOUT,DIFF = 2.8VP-P, TA = +25°C
95
120
dB
Output Short-Circuit Current
ISC
60
mA
Output Voltage Swing
VS+ - VOUT Applies to VOUT+, VOUT
0.95
1.1
V
VOUT - VS- Applies to VOUT+, VOUT
0.85
1.1
DIFFERENTIAL PERFORMANCE—AC SPECIFICATIONS
Input Voltage-Noise Density
eN
f = 1kHz
3.1
nV/√Hz
Input Voltage Noise
0.1Hz < f < 10Hz
200
nVP-P
Input Current-Noise Density
iN
f = 1kHz
1.5
pA/√Hz
1/f Noise Due to Input Current
0.1Hz < f < 10Hz
220
pAP-P
-3dB Small-Signal Bandwidth
VOUT,DIFF = 0.1VP-P
180
MHz
0.1dB Gain Flatness Bandwidth
VOUT,DIFF = 0.1VP-P
25
MHz
-3dB Large-Signal Bandwidth
VOUT,DIFF = 2VP-P
38
MHz
0.1dB Gain Flatness Bandwidth
VOUT,DIFF = 2VP-P
19
MHz
Slew Rate (Differential)
SR
VOUT,DIFF = 2VP-P
120
V/µs
Capacitive Loading
CL
No sustained oscillations
10
pF
HD2/HD3 Specifications
VOUT = 4VP-P, f = 10kHz
-125/
-120
dBc
VOUT = 4VP-P, f = 1MHz
-85/
-82
Settling Time
tS
Settling to 0.1%, VOUT,DIFF = 4VP-P
58
ns
Settling to 0.1%, VOUT,DIFF = 6.6VP-P
100
Output Impedance
ROUT,DIFF fC = 1MHz (VOUT,DIFF)
0.1
Ω
Output Balance Error
VOUT,DIFF = 1VP-P, f = 1MHz
-52
dB
SHDN INPUT
Input Voltage
VIH
1.25
V
VIL
0.65
Input Current
IIH
VSHDN = 2V
0.2
1.5
µA
IIL
VSHDN = 0V
-1.5
-0.2
Turn-On Time
tON
Output condition
1.2
µs
Turn-Off Time
tOFF
Output condition
0.8
µs
MAX44205
180MHz, Low-Noise, Low-Distortion,
Fully Differential Op Amp/SAR ADC Driver
www.maximintegrated.com
Maxim Integrated │ 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com