Electronic Components Datasheet Search
  English  ▼

X  

MAX44205 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX44205
Description  Fully Differential Op Amp/SAR ADC Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44205 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX44205 Datasheet HTML 18Page - Maxim Integrated Products MAX44205 Datasheet HTML 19Page - Maxim Integrated Products MAX44205 Datasheet HTML 20Page - Maxim Integrated Products MAX44205 Datasheet HTML 21Page - Maxim Integrated Products MAX44205 Datasheet HTML 22Page - Maxim Integrated Products MAX44205 Datasheet HTML 23Page - Maxim Integrated Products MAX44205 Datasheet HTML 24Page - Maxim Integrated Products MAX44205 Datasheet HTML 25Page - Maxim Integrated Products MAX44205 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
A terminating resistor is inserted to correct for impedance
mismatch between the source and input. The gain resis-
tor mismatch across feedback networks is created due to
the parallel combination of RT and RS. So, to balance out
the gain resistor mismatch on the other input, insert RB
such that:
S
BT
TS
R
RR
RR
=
×
−
Effects of Input Resistor Mismatch
If there is a mismatch between the feedback resistor (RF)
pair and gain resistor (RG) pair, there will be a small delta
in the feedback factor across the input pins. This delta in
the feedback factor is a source of common-mode error.
To apply an AC CMRR test without a differential input
signal, the common-mode rejection is proportional to
the resistor mismatch. Using 0.1% or better resistors will
mitigate most of the problems and will yield good CMRR
performance.
Noise Calculations
The MAX44205 offers input voltage and current noise
densities of 3.1nV/√Hz and 1.5pA/√Hz, respectively. From
Figure 6, the total output noise is a combination of noise
generated by the amplifier and the feedback and gain
resistors. The total output noise generated by both the
amplifier and the feedback components is given by the
equation:
22
F
n
nF
G
nt
22
F
nRG
nRF
G
R
[e
(1
)]
2 (i
R )
R
e
R
2 (e
)
2 (e
)
R
× +
+×
×
=
+×
×
+ ×
ent is total output noise of the circuit shown in Figure 7
en is the input voltage-noise density
in is the input current-noise density
enRG is the noise voltage density contributed by the gain
resistor RG
enRF is the noise voltage density contributed by the feed-
back resistor RF
Resistor Noise = 4k T R
f
× × × ×∆
in nV/√Hz
T is absolute temperature in Kelvin
k is Boltzmann constant: k = 1.38 x 10-23 in joules/Kelvin
R is resistance in ohms and ∆f is frequency range in Hertz
The MAX44205 input-referred voltage noise contributes
the equivalent noise of a 600Ω resistor. For low noise,
keep the source and feedback resistance at or below this
value, i.e. RS + RG//RF ≤ 600Ω. At combinations of below
600Ω, amplifier noise is dominant, but in the region 600Ω
to 10kΩ, the noise is dominated by resistor thermal noise.
Any larger resistances beyond that, the noise current mul-
tiplied by the total resistance dominated the noise.
Figure 7. Compensation for Source Impedance
OUT-
OUT+
VS+
VCLPH
VCLPL
VS-
OUT+
OUT-
RF
VS+
VS-
MAX44205
VOCM
RG
VOCM
IN-
IN+
RS
RT
RB = RS//RT
RINM
RG
RF
Figure 8. Fully Differential Amplifier
VS+
VCLPH
VCLPL
VS-
OUT+
OUT-
RF
RF
+5V
-5V
MAX44205
VOCM
RG
RG
INM
INP
VOCM
OUT-
OUT+
IN-
IN+
MAX44205
180MHz, Low-Noise, Low-Distortion,
Fully Differential Op Amp/SAR ADC Driver
www.maximintegrated.com
Maxim Integrated │ 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com