Electronic Components Datasheet Search
  English  ▼

X  

AD9629 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9629
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9629 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9629 Datasheet HTML 6Page - Analog Devices AD9629 Datasheet HTML 7Page - Analog Devices AD9629 Datasheet HTML 8Page - Analog Devices AD9629 Datasheet HTML 9Page - Analog Devices AD9629 Datasheet HTML 10Page - Analog Devices AD9629 Datasheet HTML 11Page - Analog Devices AD9629 Datasheet HTML 12Page - Analog Devices AD9629 Datasheet HTML 13Page - Analog Devices AD9629 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9629
Rev. 0 | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
CLK+
2
CLK–
3
AVDD
4
CSB
5
SCLK/DFS
6
SDIO/PDWN
7
NC
8
NC
24 AVDD
23 MODE/OR
22 DCO
21 D11 (MSB)
20 D10
19 D9
18 D8
17 D7
TOP VIEW
(Not to Scale)
AD9629
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE MUST BE SOLDERED TO
THE PCB GROUND TO ENSURE PROPER HEAT DISSIPATION,
NOISE, AND MECHANICAL STRENGTH BENEFITS.
Figure 3. Pin Configuration
Table 8. Pin Function Description
Pin No.
Mnemonic
Description
0 (EPAD)
GND
Exposed Paddle. The exposed paddle is the only ground connection. It must be soldered to the analog
ground of the customer’s PCB to ensure proper functionality and maximize heat dissipation, noise, and
mechanical strength benefits.
1, 2
CLK+, CLK−
Differential Encode Clock. PECL, LVDS, or 1.8 V CMOS inputs.
3, 24, 29, 32
AVDD
1.8 V Supply Pin for ADC Core Domain.
4
CSB
SPI Chip Select. Active low enable. 30 kΩ internal pull-up.
5
SCLK/DFS
SPI Clock Input in SPI Mode (SCLK). 30 kΩ internal pull-down.
Data Format Select in Non-SPI Mode (DFS). Static control of data output format. 30 kΩ internal pull-down.
DFS high = twos complement output; DFS low = offset binary output.
6
SDIO/PDWN
SPI Data Input/Output (SDIO). Bidirectional SPI data I/O in SPI mode. 30 kΩ internal pull-down.
Non-SPI Mode Power-Down (PDWN). Static control of power-down with 30 kΩ internal pull-down. See
Table 14 for details.
7, 8
NC
Do Not Connect.
9 to 12, 14 to 21
D0 (LSB) to
D11 (MSB)
ADC Digital Outputs.
13
DRVDD
1.8 V to 3.3 V Supply Pin for Output Driver Domain.
22
DCO
Data Clock Digital Output.
23
MODE/OR
Chip Mode Select Input or Out-of-Range (OR) Digital Output in SPI Mode.
Default = out-of-range (OR) digital output (SPI Register 0x2A[0] = 1).
Option = chip mode select input (SPI Register 0x2A[0] = 0).
Chip power down (SPI Register 0x08[7:5] = 100b).
Chip standby (SPI Register 0x08[7:5] = 101b).
Normal operation, output disabled (SPI Register 0x08[7:5] = 110b).
Normal operation, output enabled (SPI Register 0x08[7:5] = 111b).
Out-of-Range (OR) digital output only in non-SPI mode.
25
VREF
1.0 V Voltage Reference Input/Output. See Table 10.
26
SENSE
Reference Mode Selection. See Table 10.
27
VCM
Analog Output Voltage at Mid AVDD Supply. Sets common mode of the analog inputs.
28
RBIAS
Sets Analog Current Bias. Connect to 10 kΩ (1% tolerance) resistor to ground.
30, 31
VIN−, VIN+
ADC Analog Inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com