Electronic Components Datasheet Search
  English  ▼

X  

AD9629 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9629
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9629 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9629 Datasheet HTML 19Page - Analog Devices AD9629 Datasheet HTML 20Page - Analog Devices AD9629 Datasheet HTML 21Page - Analog Devices AD9629 Datasheet HTML 22Page - Analog Devices AD9629 Datasheet HTML 23Page - Analog Devices AD9629 Datasheet HTML 24Page - Analog Devices AD9629 Datasheet HTML 25Page - Analog Devices AD9629 Datasheet HTML 26Page - Analog Devices AD9629 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD9629
Rev. 0 | Page 23 of 32
BUILT-IN SELF-TEST (BIST) AND OUTPUT TEST
The AD9629 includes a built-in self-test feature designed to
enable verification of the integrity of each channel as well as to
facilitate board level debugging. A built-in self-test (BIST) feature
that verifies the integrity of the digital datapath of the AD9629
is included. Various output test options are also provided to place
predictable values on the outputs of the AD9629.
BUILT-IN SELF-TEST (BIST)
The BIST is a thorough test of the digital portion of the selected
AD9629 signal path. Perform the BIST test after a reset to ensure
the part is in a known state. During BIST, data from an internal
pseudorandom noise (PN) source is driven through the digital
datapath of both channels, starting at the ADC block output.
At the datapath output, CRC logic calculates a signature from
the data. The BIST sequence runs for 512 cycles and then stops.
Once completed, the BIST compares the signature results with a
predetermined value. If the signatures match, the BIST sets Bit 0
of Register 0x24, signifying the test passed. If the BIST test failed,
Bit 0 of Register 0x24 is cleared. The outputs are connected
during this test, so the PN sequence can be observed as it runs.
Writing 0x05 to Register 0x0E runs the BIST. This enables the Bit 0
(BIST enable) of Register 0x0E and resets the PN sequence
generator, Bit 2 (BIST INIT) of Register 0x0E. At the completion
of the BIST, Bit 0 of Register 0x24 is automatically cleared. The PN
sequence can be continued from its last value by writing a 0 in
Bit 2 of Register 0x0E. However, if the PN sequence is not reset,
the signature calculation does not equal the predetermined
value at the end of the test. At that point, the user needs to rely
on verifying the output data.
OUTPUT TEST MODES
The output test options are described in Table 16 at Address
0x0D. When an output test mode is enabled, the analog section
of the ADC is disconnected from the digital back-end blocks
and the test pattern is run through the output formatting block.
Some of the test patterns are subject to output formatting, and
some are not. The PN generators from the PN sequence tests
can be reset by setting Bit 4 or Bit 5 of Register 0x0D. These
tests can be performed with or without an analog signal (if
present, the analog signal is ignored), but they do require an
encode clock. For more information, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com