Electronic Components Datasheet Search
  English  ▼

X  

AD9629 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9629
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9629 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9629 Datasheet HTML 14Page - Analog Devices AD9629 Datasheet HTML 15Page - Analog Devices AD9629 Datasheet HTML 16Page - Analog Devices AD9629 Datasheet HTML 17Page - Analog Devices AD9629 Datasheet HTML 18Page - Analog Devices AD9629 Datasheet HTML 19Page - Analog Devices AD9629 Datasheet HTML 20Page - Analog Devices AD9629 Datasheet HTML 21Page - Analog Devices AD9629 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9629
Rev. 0 | Page 18 of 32
Differential Input Configurations
Optimum performance is achieved while driving the AD9629 in a
differential input configuration. For baseband applications, the
AD8138, ADA4937-2, and ADA4938-2 differential drivers provide
excellent performance and a flexible interface to the ADC.
The output common-mode voltage of the ADA4938-2 is easily
set with the VCM pin of the AD9629 (see Figure 37), and the
driver can be configured in a Sallen-Key filter topology to
provide band limiting of the input signal.
AVDD
VIN
76.8
Ω
120
Ω
0.1µF
33
Ω
33
Ω
10pF
200
Ω
200
Ω
90
Ω
ADA4938
ADC
VIN–
VIN+
VCM
Figure 37. Differential Input Configuration Using the ADA4938-2
For baseband applications below ~10 MHz where SNR is a key
parameter, differential transformer-coupling is the recommended
input configuration. An example is shown in Figure 38. To bias
the analog input, the VCM voltage can be connected to the
center tap of the secondary winding of the transformer.
2V p-p
49.9
Ω
0.1µF
R
R
C
ADC
VCM
VIN+
VIN–
Figure 38. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting
a transformer. Most RF transformers saturate at frequencies
below a few megahertz (MHz). Excessive signal power can
also cause core saturation, which leads to distortion.
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
~10 MHz where SNR is a key parameter, differential double balun
coupling is the recommended input configuration (see
th
Figure 40).
An alternative to using a transformer-coupled input at frequencies
e true SNR performance of the AD9629. For applications above
ue of Shunt Capacitor C is dependent
Frequency Range (MHz)
Series
C Differential (pF)
in the second Nyquist zone is to use the AD8352 differential driver.
An example is shown in Figure 41. See the AD8352 data sheet
for more information.
In any configuration, the val
on the input frequency and source impedance and may need to
be reduced or removed. Table 9 displays the suggested values to set
the RC network. However, these values are dependent on the
input signal and should be used only as a starting guide.
Table 9. Example RC Network
R
(Ω Each)
0 to 70
33
22
70 to 200
n
125
Ope
Single-Ended Input Configuration
ate performance in
n-
,
A single-ended input can provide adequ
cost-sensitive applications. In this configuration, SFDR and
distortion performance degrade due to the large input commo
mode swing. If the source impedances on each input are matched
there should be little effect on SNR performance. Figure 39
shows a typical single-ended input configuration.
1V p-p
R
R
C
49.9
Ω
0.1µF
10µF
10µF
0.1µF
AVDD
1k
Ω
1k
Ω
1k
Ω
1k
Ω
AVDD
ADC
VIN+
VIN–
Figure 39. Single-Ended Input Configuration
ADC
R
0.1µF
0.1µF
2V p-p
VCM
C
R
0.1µF
S
0.1µF
25
Ω
25
Ω
S
PA
P
VIN+
VIN–
Figure 40. Differential Double Balun Input Configuration
AD8352
0
Ω
0
Ω
CD
RD
RG
0.1µF
0.1µF
0.1µF
0.1µF
16
1
2
3
4
5
11
0.1µF
0.1µF
10
14
0.1µF
8, 13
VCC
200
Ω
200
Ω
ANALOG INPUT
ANALOG INPUT
R
R
C
ADC
VCM
VIN+
VIN–
Figure 41. Differential Input Configuration Using the AD8352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com