Electronic Components Datasheet Search
  English  ▼

X  

AD9629 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9629
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9629 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9629 Datasheet HTML 24Page - Analog Devices AD9629 Datasheet HTML 25Page - Analog Devices AD9629 Datasheet HTML 26Page - Analog Devices AD9629 Datasheet HTML 27Page - Analog Devices AD9629 Datasheet HTML 28Page - Analog Devices AD9629 Datasheet HTML 29Page - Analog Devices AD9629 Datasheet HTML 30Page - Analog Devices AD9629 Datasheet HTML 31Page - Analog Devices AD9629 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD9629
Rev. 0 | Page 28 of 32
Addr
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
0x14
Output mode
00 = 3.3 V CMOS
10 = 1.8 V CMOS
Open
Output
disable
Open
Output
invert
00 = offset binary
01 = twos
complement
10 = gray code
11 = offset binary
0x00
Configures the
outputs and the
format of the data
0x15
Output adjust
3.3 V DCO
drive strength
00 = 1 stripe
(default)
01 = 2 stripes
10 = 3 stripes
11 = 4 stripes
1.8 V DCO
drive strength
00 = 1 stripe
01 = 2 stripes
10 = 3 stripes
(default)
11 = 4 stripes
3.3 V data
drive strength
00 = 1 stripe
(default)
01 = 2 stripes
10 = 3 stripes
11 = 4 stripes
1.8 V data
drive strength
00 = 1 stripe
01 = 2 stripes
10 = 3 stripes
(default)
11 = 4 stripes
0x22
Determines CMOS
output drive
strength properties
0x16
Output phase
DCO
Output
polarity
0 =
normal
1 =
inverted
Open
Open
Open
Open
Input clock phase adjust, Bits[2:0]
(Value is number of input clock
cycles of phase delay)
000 = no delay
001 = 1 input clock cycle
010 = 2 input clock cycles
011 = 3 input clock cycles
100 = 4 input clock cycles
101 = 5 input clock cycles
110 = 6 input clock cycles
111 = 7 input clock cycles
0x00
On devices that
utilize global clock
divide, determines
which phase of the
divider output is
used to supply the
output clock;
internal latching is
unaffected
0x17
Output delay
Enable
DCO
delay
Open
Enable
data
delay
Open
DCO/data delay, Bits[2:0]
000 = 0.56 ns
001 = 1.12 ns
010 = 1.68 ns
011 = 2.24 ns
100 = 2.80 ns
101 = 3.36 ns
110 = 3.92 ns
111 = 4.48 ns
0x00
Sets the fine output
delay of the output
clock, but does not
change internal
timing
0x19
USER_PATT1_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 1 LSB
0x1A
USER_PATT1_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 1 MSB
0x1B
USER_PATT2_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 2 LSB
0x1C
USER_PATT2_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 2 MSB
0x24
BIST signature LSB
BIST signature, Bits[7:0]
0x00
Least significant byte
of BIST signature,
read only
0x2A
OR/MODE select
Open
Open
Open
Open
Open
Open
Open
0 =
MODE
1 = OR
(default)
0x01
Selects I/O
functionality in
conjunction w/
Address 0x08 for
MODE (input) or OR
(output) on external
Pin 23
1.1. AD9629 Specific Customer SPI Control
0x101
USR2
1
Open
Open
Open
Enable
GCLK
detect
Run GCLK
Open
Disable
SDIO
pull-
down
0x88
Enables internal
oscillator for clock
rates of <5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com