Electronic Components Datasheet Search
  English  ▼

X  

AD9629 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9629
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9629 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9629 Datasheet HTML 24Page - Analog Devices AD9629 Datasheet HTML 25Page - Analog Devices AD9629 Datasheet HTML 26Page - Analog Devices AD9629 Datasheet HTML 27Page - Analog Devices AD9629 Datasheet HTML 28Page - Analog Devices AD9629 Datasheet HTML 29Page - Analog Devices AD9629 Datasheet HTML 30Page - Analog Devices AD9629 Datasheet HTML 31Page - Analog Devices AD9629 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD9629
Rev. 0 | Page 29 of 32
MEMORY MAP REGISTER DESCRIPTIONS
For additional information about functions controlled in
Register 0x00 to Register 0xFF, see the AN-877 Application
Note, Interfacing to High Speed ADCs via SPI.
USR2 (Register 0x101)
Bit 3—Enable GCLK Detect
Normally set high, this bit enables a circuit that detects encode
rates below about 5 MSPS. When a low encode rate is detected,
an internal oscillator, GCLK, is enabled ensuring the proper
operation of several circuits. If set low the detector is disabled.
Bit 2—Run GCLK
This bit enables the GCLK oscillator. For some applications
with encode rates below 10 MSPS, it may be preferable to set
this bit high to supersede the GCLK detector.
Bit 0—Disable SDIO Pull-Down
This bit can be set high to disable the internal 30 kΩ pull-down
on the SDIO pin, which can be used to limit the loading when
many devices are connected to the SPI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com