Electronic Components Datasheet Search
  English  ▼

X  

AD9629 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9629
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9629 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9629 Datasheet HTML 9Page - Analog Devices AD9629 Datasheet HTML 10Page - Analog Devices AD9629 Datasheet HTML 11Page - Analog Devices AD9629 Datasheet HTML 12Page - Analog Devices AD9629 Datasheet HTML 13Page - Analog Devices AD9629 Datasheet HTML 14Page - Analog Devices AD9629 Datasheet HTML 15Page - Analog Devices AD9629 Datasheet HTML 16Page - Analog Devices AD9629 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD9629
Rev. 0 | Page 13 of 32
AD9629-65
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty
cycle clock, unless otherwise noted.
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
3
0
6
9
1215
182124
30
27
33
FREQUENCY (MHz)
6
+2
5
4
3
65MSPS
9.7MHz @ –1dBFS
SNR =70.3 (71.3dBFS)
SFDR = 94.2dBc
Figure 15. AD9629-65 Single-Tone FFT with fIN = 9.7 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
3
0
6
9
1215
182124
30
27
33
FREQUENCY (MHz)
6
4
3
5
+
2
65MSPS
69MHz @ –1dBFS
SNR = 69.9dB (70.9dBFS)
SFDR = 92.0dBc
Figure 16. AD9629-65 Single-Tone FFT with fIN = 69 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
3
0
6
9
1215
182124
30
27
33
FREQUENCY (MHz)
+
2
5
4
3
6
65MSPS
30.6MHz @ –1dBFS
SNR = 70.2dB (71.2dBFS)
SFDR = 94.1dBc
Figure 17. AD9629-65 Single-Tone FFT with fIN = 30.6 MHz
0
20
40
60
80
100
120
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBc)
SNR
SNRFS
SFDR
SFDRFS
Figure 18. AD9629-65 SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
INPUT FREQUENCY (MHz)
SNR
SFDR
Figure 19. AD9629-65 SNR/SFDR vs. Input Frequency (AIN) with
2 V p-p Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com