Electronic Components Datasheet Search
  English  ▼

X  

AD9629 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9629
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9629 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9629 Datasheet HTML 21Page - Analog Devices AD9629 Datasheet HTML 22Page - Analog Devices AD9629 Datasheet HTML 23Page - Analog Devices AD9629 Datasheet HTML 24Page - Analog Devices AD9629 Datasheet HTML 25Page - Analog Devices AD9629 Datasheet HTML 26Page - Analog Devices AD9629 Datasheet HTML 27Page - Analog Devices AD9629 Datasheet HTML 28Page - Analog Devices AD9629 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD9629
Rev. 0 | Page 25 of 32
HARDWARE INTERFACE
The pins described in Table 13 constitute the physical interface
between the programming device of the user and the serial
port of the AD9629. The SCLK pin and the CSB pin function
as inputs when using the SPI interface. The SDIO pin is
bidirectional, functioning as an input during write phases
and as an output during readback.
The SPI interface is flexible enough to be controlled by
either FPGAs or microcontrollers. One method for SPI
configuration is described in detail in the AN-812 Appli-
cation Note, Microcontroller-Based Serial Port Interface
(SPI) Boot Circuit.
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK signal, the CSB signal, and the SDIO signal are typically
asynchronous to the ADC clock, noise from these signals can
degrade converter performance. If the on-board SPI bus is used for
other devices, it may be necessary to provide buffers between
this bus and the AD9629 to prevent these signals from transi-
tioning at the converter inputs during critical sampling periods.
SDIO/PDWN and SCLK/DFS serve a dual function when the
SPI interface is not being used. When the pins are strapped to
DRVDD or ground during device power-on, they are associated
with a specific function. The Digital Outputs section describes
the strappable functions supported on the AD9629.
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SDIO/PDWN pin, the SCLK/DFS pin serve as standalone
CMOS-compatible control pins. When the device is powered up, it
is assumed that the user intends to use the pins as static control
lines for the power-down and output data format feature control.
In this mode, connect the CSB chip select to DRVDD, which
disables the serial port interface.
Table 14. Mode Selection
Pin
External
Voltage
Configuration
SDIO/PDWN
DRVDD
Chip power-down mode
AGND (default)
Normal operation(default)
SCLK/DFS
DRVDD
Twos complement enabled
AGND (default)
Offset binary enabled
SPI ACCESSIBLE FEATURES
Table 15 provides a brief description of the general features that
are accessible via the SPI. These features are described in detail
in the AN-877 Application Note, Interfacing to High Speed ADCs
via SPI. The AD9629 part-specific features are described in
detail in Table 16.
Table 15. Features Accessible Using the SPI
Feature
Description
Modes
Allows the user to set either power-down mode or
standby mode
Offset Adjust
Allows the user to digitally adjust the converter
offset
Test Mode
Allows the user to set test modes to have known
data on output bits
Output Mode
Allows the user to set up outputs
Output Phase
Allows the user to set the output clock polarity
Output Delay
Allows the user to vary the DCO delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com